Electronic Components Datasheet Search
  English  ▼

X  

BAV99W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99W
Description  Switching Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV99W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
Fast switching device (Trr<4.0ns)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Case:Flat lead SOT-323 small outline plastic package
Terminal:Matte tin plated, solderable
per MIL-STD-202, Method 208 guaranteed
High temperature soldering guaranteed:260℃/S
Polarity:Indicated by cathode band
Weight:5 mg
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Absolute Maximum Ratings (TA=25℃)
Symbol
Units
VRRM
V
VR
V
IFRM
mA
Ptot
mW
RthjA
℃
/W
TJ
OC
TSTG
OC
Characteristics at TA=25℃
Symbol
Units
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
nA
uA
uA
uA
Version:A13
30
0.855
1
1.25
500
at t = 1us
at t = 1ms
at t = 1s
IFSM
Repetitive Peak Forward Current
Pin Configuration
A
1
0.5
BAV99W
Features
Features
SOT-323
Mechanical Data
Continuous Forward Current
Single Diode Load
Double Diode Load
150
IF
mA
Small Signal Product
Value
85
Switching Diode Array
Peak Repetitive Reverse Voltage
130
Parameter
75
4
Total Power Dissipation
200
Thermal Resistance form Junction Ambient
VF
Storage Temperature Range
- 55 to + 150
Junction Temperature
Parameter
Peak Forward Surge Current (tp=10ms)
625
Max.
Reverse Voltage
Total Capacitance
at VR = 0 V, f = 1 MHz
Reverse Revovery Time
at IF = IR = 10 mA, Irr = 0.1 x IR, RL = 100 Ω
Cd
trr
Reverse Current
at VR = 25 V
at VR = 75 V
at VR = 25 V, Tj = 150℃
at VR = 75 V, Tj = 150℃
IR
150
pF
ns
4
0.715
V
1.5
1
30
50


Similar Part No. - BAV99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99W PHILIPS-BAV99W Datasheet
58Kb / 12P
High-speed double diode
1999 May 11
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV99W WTE-BAV99W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
More results

Similar Description - BAV99W

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104 Datasheet
50Kb / 1P
Switching Diode Array
MMAD1104 MICROSEMI-MMAD1104 Datasheet
86Kb / 1P
Switching Diode Array
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
Switching Diode Array
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
Switching Diode Array
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
Switching Diode Array
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
Switching Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448VPT CHENMKO-MMBD4448VPT Datasheet
110Kb / 2P
SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com