Electronic Components Datasheet Search
  English  ▼

X  

BC337 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC337
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC337 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC337 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:A13
Small Signal Product
0
200
400
600
800
1000
0
1020
3040
V
CE(V), COLLECTOR EMITTER VOLTAGE
FIG.1 STATIC CHARACTERSTIC
10
9
I
B=1mA
8
7
6
5
4
3
2
0
COMMON EMITTER
Ta=25℃
10
100
1000
1
10
100
1000
Ic(mA), COLLECTOR CURRENT
FIG. 4 h
FE -IC
COMMON EMITTER
V
CE=1V
Ta= -25℃
Ta= 25℃
Ta= 100℃
0.01
0.1
1
1
10
100
1000
Ic(mA), COLLECTOR CURRENT
FIG. 6 V
CE(sat) - IC
COMMON EMITTER
I
C / IB = 25
Ta= -25℃
Ta= 25℃
Ta= 100℃
Ta= 100℃
0
200
400
600
800
1000
0
0.2
0.4
0.6
0.8
BASE CURRENT I
B(mA)
FIG.2 STATIC CHARACTERSTIC
V
CE=1V
COMMON EMITTER
Ta=25℃
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
BASE CURRENT I
B(mA)
FIG.3 STATIC CHARACTERSTIC
V
CE=1V
COMMON EMITTER
Ta=25℃
0
200
400
600
800
1000
1200
0
123
456
V
CE(V), COLLECTOR EMITTER VOLTAGE
FIG.5 IC - VCE(LOW VOLTAGE REGION)
I
B=1mA
8
7
6
5
4
3
2
0
COMMON EMITTER
V
CE=1V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com