Electronic Components Datasheet Search
  English  ▼

X  

BC337 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BC337
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC337 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BC337 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC337 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4K / Ammo
A1
5K / Bulk
B1
BC337-16/25/40
TO-92
4K / Ammo
A1
BC337-16/25/40
TO-92
4K / Ammo
A1
Version:A13
Note 2: Manufacture dpecial control, if empty means no special control requirement.
A1G
B1G
BC33x-16/25/40
(Note1)
Note 1: "x" is Device Code from "7" thru "8".
BC33x-16/25/40
(Note1)
TO-92
(Note 2)
A1G
BC337-16/25/40
B0
A1G
BC337-16/25/40
Packing code
(Green)
Marking
Manufacture code
Small Signal Product
Ordering information (detail, example)
Part No.
Package
Packing
Packing
code
1
10
100
1000
10000
0.2
0.4
0.6
0.8
1.0
BASE -EMITTER VOLTAGE V
BE(V)
FIG.7 Ic - V
BE
COMMON EMITTER
V
CE=1V
Ta= -25℃
Ta= 25℃
Ta= 100℃
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE Ta(℃)
FIG.9 Pc - Ta
10
100
1000
1
10
100
1000
COLLECTOR CURRENT I
C(mA)
FIG.8 f
T -IC
COMMON EMITTER
V
CE=5V, Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com