Electronic Components Datasheet Search
  English  ▼

X  

BC546 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC546
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC546 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC546 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC546 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC546 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Units
at VCB=30V
at VEB=5V
V(BR)EBO
V
Version:A13
BC547, BC550
BC548, BC549
at IE=100uA
Emitter Base Breakdown Voltage
Characteristics at TA=25℃
Current Gain Group A
B
C
Collector Base Breakdown Voltage
Collector Emitter Breakdown Voltage
BC546
BC547, BC550
BC548, BC549
BC546
at IC=100μA
50
-
-
V(BR)CBO
80
nA
V
--
-
-
--
15
100
6-
-
Emitter Base Cutoff Current
IEBO
at IC=1 mA
45
-
30
V
30
-
-
--
V(BR)CEO
65
-
nA
-
800
V
at VCE= 5 V, IC= 2 mA
200
-
220
-
-
Collector Base Cutoff Current
ICBO
DC Current Gain
hFE
110
-
Small Signal Product
450
420
Parameter
Min.
Typ.
Max.
0
20
40
60
80
100
04
8
12
16
20
VCE(V), Collector Emitter Voltage
FIG.1 Static Characteristic
IE=400uA
IE=350uA
IE=300uA
IE=250uA
IE=200uA
IE=150uA
IE=100uA
IE=50uA
0
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VBE(V), Base Emitter Voltage
FIG. 2 Transfer Characteristic
VCE=5V
10
100
1000
1
10
100
1000
Ic(mA), Collector Current
VCE=5V
FIG. 3 DC Current Gain
10
100
1000
10000
1
10
100
1000
Ic(mA), Collector Current
IC=10IB
VBE(sat)
VCE(sat)
FIG. 4 Base Emitter Saturation Voltage
Collector Emitter Saturation Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com