Electronic Components Datasheet Search
  English  ▼

X  

BC546 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BC546
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC546 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC546 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC546 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC546 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
◇
For switching and AF amplifier applications
◇
These types are subdivided into three groups A, B and C
according to their current gain
◇
Moisture sensitivity level 1
◇
Driver transistor
◇
Pb free version and RoHS compliant
◇
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
◇
Case : TO-92 small outline plastic package
per MIL-STD-202, Method 208 guaranteed
◇
High temperature soldering guaranteed: 260℃/10s
◇
Wright approx.: 190 mg
BC546…BC550/A/B/C
TO-92
4K / AMMO
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Units
VEBO
V
IC
mA
ICM
mA
PTOT
mW
TJ
OC
TSTG
OC
Version:A13
V
50
Collector Emitter Voltage
BC546
BC547, BC550
BC548, BC549
VCEO
45
30
Package
Packing
Packing code
(Green)
V
Part No.
Manufacture code
B0
Packing code
A1
Note:Detail please see "Ordering Information(detail, example)" below.
65
30
Marking
BC546A/B/C
VCBO
6
Peak Collector Current
200
TO-92
A1G
Small Signal Product
Value
80
Ordering Information (example)
Mechanical Data
Collector Base Voltage
Total Power Dissipation
500
Storage Temperature Range
- 65 to + 150
Junction Temperature
150
Parameter
Emitter Base Voltage
Collector Current (DC)
BC546…BC550A/B/C
Features
NPN Transistor
BC546
BC547, BC550
BC548, BC549
100


Similar Part No. - BC546

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC546 ONSEMI-BC546 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC546 SEMTECH-BC546 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC546 SIEMENS-BC546 Datasheet
210Kb / 6P
NPN Silicon Transistors
More results

Similar Description - BC546

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com