Electronic Components Datasheet Search
  English  ▼

X  

BC807 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BC807
Description  0.3 Watts, PNP Plastic-Encasulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC807 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BC807 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC807 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC807 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering information (Detail, example)
BC807-xx
(Note 1)
SOT-23
3K / 7 " Reel
RFG
(Note 2)
BC807-16
SOT-23
3K / 7 " Reel
RFG
BC807-16
SOT-23
3K / 7 " Reel
RFG
B0
BC807-16
SOT-23
3K / 7 " Reel
RFG
D0
Dimensions
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
Suggested PAD Layout
A
B
C
D
Marking
Part No.
Marking
BC807-16
5A
BC807-25
5B
BC807-40
5C
Version : E13
Packing code
(Green)
Packing
Packing code
RF
Note 2 : Manufacture special control, if empty means no special control requirement.
Small Signal Product
RF
RF
Part No.
Package
RF
Note 1 : "xx" is Device Code from "16" thru "40".
Manufacture
code
Typ.
0.95
0.037
DIM.
Unit(mm)
0.8
0.031
2.0
0.079
0.9
0.035
DIM.
Unit(inch)
Typ.
0.1 REF
0.004 REF
Unit(mm)
Unit(inch)
0.550 REF
0.022 REF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com