Electronic Components Datasheet Search
  English  ▼

X  

AT43101 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT43101
Description  PCMCIA Card Memory Interface Circuit with 256 Bytes of Internal Attribute Memory EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43101 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT43101 Datasheet HTML 1Page - ATMEL Corporation AT43101 Datasheet HTML 2Page - ATMEL Corporation AT43101 Datasheet HTML 3Page - ATMEL Corporation AT43101 Datasheet HTML 4Page - ATMEL Corporation AT43101 Datasheet HTML 5Page - ATMEL Corporation AT43101 Datasheet HTML 6Page - ATMEL Corporation AT43101 Datasheet HTML 7Page - ATMEL Corporation AT43101 Datasheet HTML 8Page - ATMEL Corporation AT43101 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Configuration
AT43101 pins are defined by the following two tables. The
Pin Descriptions Table lists and describes the function of
each signal used in the chip set. The Pin Assignment Table
lists the signals connected to each pin for each mode and
the buffer type implemented for the corresponding pin. The
buffer type listed in the Pin Assignment Table does not al-
ways agree with the signal type listed in the Pin Description
Table because the chip implements buffer types that sup-
port both modes of each pin. The pullup resistors included
on chip as shown in the table have a nominal value of
375K ohms. An asterisk, “*”, appended to a signal name
indicates the signal is active low.
AT43101 Logical Pin Descriptions
Name
Type
Description
D[15:0]
Bidir
PCMCIA Data Bus
A[24:0]
Input
PCMCIA Address Bus
CE2*
Input
Active low, PCMCIA byte enable for odd byte
CE1*
Input
Active low, PCMCIA byte enable for even byte
OE*
Input
Active low, PCMCIA output enable signal
WE*
Input
Active low, PCMCIA write enable signal
REG*
Input
PCMCIA signal high for common memory, low for attribute memory
ID[15:0]
Bidir
Memory data bus
IA[24:1]
Output
Memory address bus
SGL/DBL*
Input
Address decoder mode control input per function table
SEL[1:0]
Input
Address decoder selection inputs per function table
B/A*
Input
Mode select input. Low selects mode A, High selects mode B.
DEC[2:0]
Input
Address Inputs decoded to generate ICE[7:0]* outputs
IOEH*
Output
Active low output enable for upper byte of memory
IOEL*
Output
Active low output enable for lower byte of memory
IWEH*
Output
Active low write enable for upper byte of memory
IWEL*
Output
Active low write enable for lower byte of memory
IWP*
Input
Input from write protect switch
WP
Output
Output to PCMCIA write protect signal
ICE[7:0]*
Output
Active low chip enable outputs for 8 pairs of memory devices
Reset
Input
Active high reset
IR*
Output
Output of inverted reset
WPATT
Input
Active high attribute memory protect signal
R/B*
Output
Output from IR/B* and attribute memory Ready/Busy*
IR/B*
Input
Active low Ready/Busy* input for common memory
2
AT43101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com