Electronic Components Datasheet Search
  English  ▼

X  

QB-971 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QB-971
Description  Compliance Matrix 2.5 ??3.5 GHz, 1 Watt Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QB-971 Datasheet(HTML) 1 Page - API Technologies Corp

  QB-971 Datasheet HTML 1Page - API Technologies Corp QB-971 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 1
A. Electrical Ratings
Specifications
(1)
Item #
Parameter
Unit
Typical
25ºC
Guaranteed
0ºC to +50ºC
Comments
A.1
Frequency Range
GHz
2.5
– 3.5
Comply
A.2
Small Signal Gain
dB
31
31.0 ± 1.5
Comply
A.3
Gain Flatness
dB
± 0.25
± 0.50 max.
Comply
A.4
Input VSWR
1.5 :1
2.0 :1 max.
Comply
A.5
Output VSWR
1.5 :1
2.0 :1 max.
Comply
A.6
Reverse Isolation
dB
53
42 min.
Comply
A.7
Noise Figure
dB
3.5
5.0 max.
Comply
A.8
Pout @ 1dB Compression
dBm
+30.5
+30
Comply
A.9
3
rd Order Output Intercept Point
dBm
+42
+42
Comply
A.10
DC Voltage
Vdc
+15.0
Comply
A.11
Operating DC Current
mA
600
600 max.
Comply
Notes:
1)
Specification ratings are based on measurements in a 50 ohm system with a DC supply voltage tolerance of ± 1%.
2)
RF output terminated into 50 ohms (Load VSWR ≤ 2.0 : 1).
B. Absolute Maximum Ratings
Item #
Parameter
Limit
Unit
Specification
Comments
B.1
DC Voltage @ 25°C
Max.
Vdc
+16.0
Comply
B.2
Input Drive @ 25°C
Max.
dBm
+10
Note 2
Min.
ºC
- 20
B.3
Operating Temperature*
Max.
ºC
+85
Comply
Min.
ºC
- 55
B.4
Storage Temperature
Max.
ºC
+125
Comply
* Maximum Operating Temperature is defined as that temperature which, if exceeded for extended periods, could result in premature
unit failure. This data is provided for user reliability information. This may or may not represent the maximum temperature for
electrical parameter specifications.
C. General
Item #
Parameter
Specification
Comments
C.1
Package (Hermetic)
SMI Drawing 080-22859 (Figure 1)
70/30 CuNi
C.2
Finish
CuNi (Copper Nickel Alloy)
Comply
C.3
RF Input / Output Connectors
SMA Female (2 Hole Flange)
Field Replaceable
C.4
+VDC Connector
Gold Plated Pin
Solderable
C.5
Ground Terminal
Threaded Turret
Solderable
Q
QB
B--9
97
70
0
C
Co
om
mp
plliia
an
nc
ce
e M
Ma
attrriix
x
2.5 – 3.5 GHz, 1 Watt Amplifier
(Replaces QB-962)


Similar Part No. - QB-971

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QB-970 APITECH-QB-970 Datasheet
107Kb / 2P
Compliance Matrix 2.5 ??3.5 GHz, 1 Watt Amplifier
More results

Similar Description - QB-971

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Fairchild Semiconductor
RMPA2455 FAIRCHILD-RMPA2455 Datasheet
596Kb / 10P
2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier
logo
List of Unclassifed Man...
WHM2535-12AE ETC-WHM2535-12AE Datasheet
260Kb / 5P
2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
2.4 to 2.5 GHz 1 Watt Power Amplifier
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
Transcom, Inc.
TA025-035-31-33 TRANSCOM-TA025-035-31-33 Datasheet
17Kb / 1P
2.5 - 3.5 GHz 2 W Amplifier
logo
API Technologies Corp
QB-970 APITECH-QB-970 Datasheet
107Kb / 2P
Compliance Matrix 2.5 ??3.5 GHz, 1 Watt Amplifier
QBH-5729 APITECH-QBH-5729 Datasheet
79Kb / 1P
Compliance Matrix Broadband Amplifier
QB-445 APITECH-QB-445 Datasheet
107Kb / 2P
2.5 ??3.5 GHz, 1 Watt Amplifier
QB-446 APITECH-QB-446 Datasheet
107Kb / 2P
2.5 ??3.5 GHz, 1 Watt Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com