Electronic Components Datasheet Search
  English  ▼

X  

QB-971 Datasheet(PDF) 2 Page - API Technologies Corp

Part # QB-971
Description  Compliance Matrix 2.5 ??3.5 GHz, 1 Watt Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QB-971 Datasheet(HTML) 2 Page - API Technologies Corp

  QB-971 Datasheet HTML 1Page - API Technologies Corp QB-971 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Revision 1
D. Package Outline
NOTES:
•
INTERPRET DRAWING IAW ASME Y14.100-2004
•
DIMENSIONING AND TOLERANCING IAW ASME Y14.5-1994
•
DIMENSIONS ARE IN INCHES
•
MATERIAL: 70/30 COPPER NICKEL
TOLERANCES
•
ANGLES: ± 1.0°
•
2 PLACE DECIMAL: ± .03 inches
•
3 PLACE DECIMAL: ± .010 inches
Figure 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com