Electronic Components Datasheet Search
  English  ▼

X  

24C64 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # 24C64
Description  2-Wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C64 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button 24C64 Datasheet HTML 4Page - ATMEL Corporation 24C64 Datasheet HTML 5Page - ATMEL Corporation 24C64 Datasheet HTML 6Page - ATMEL Corporation 24C64 Datasheet HTML 7Page - ATMEL Corporation 24C64 Datasheet HTML 8Page - ATMEL Corporation 24C64 Datasheet HTML 9Page - ATMEL Corporation 24C64 Datasheet HTML 10Page - ATMEL Corporation 24C64 Datasheet HTML 11Page - ATMEL Corporation 24C64 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AT24C32/64
8
acknowledge, it will continue to increment the data word
address and serially clock out sequential data words. When
the memory address limit is reached, the data word
address will “roll over” and the sequential read will con-
tinue. The sequential read operation is terminated when
the microcontroller does not respond with a zero but does
generate a following stop condition (refer to Figure 6).
Figure 1. Device Address
Figure 2. Byte Write
Figure 3. Page Write
Notes:
1.
* = DON’T CARE bits
2.
† = DON’T CARE bits for the 32K
Figure 4. Current Address Read
Figure 5. Random Read
Note:
1.
* = DON’T CARE bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com