Electronic Components Datasheet Search
  English  ▼

X  

24C64 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # 24C64
Description  2-Wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C64 Datasheet(HTML) 2 Page - ATMEL Corporation

  24C64 Datasheet HTML 1Page - ATMEL Corporation 24C64 Datasheet HTML 2Page - ATMEL Corporation 24C64 Datasheet HTML 3Page - ATMEL Corporation 24C64 Datasheet HTML 4Page - ATMEL Corporation 24C64 Datasheet HTML 5Page - ATMEL Corporation 24C64 Datasheet HTML 6Page - ATMEL Corporation 24C64 Datasheet HTML 7Page - ATMEL Corporation 24C64 Datasheet HTML 8Page - ATMEL Corporation 24C64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AT24C32/64
2
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive
edge clock data into each EEPROM device and negative
edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for
serial data transfer. This pin is open-drain driven and may
be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1
and A0 pins are device address inputs that are hard wired
or left not connected for hardware compatibility with
AT24C16. When the pins are hardwired, as many as eight
32K/64K devices may be addressed on a single bus sys-
tem (device addressing is discussed in detail under the
Device Addressing section). When the pins are not hard-
wired, the default A
2, A1, and A0 are zero.
WRITE PROTECT (WP): The write protect input, when tied
to GND, allows normal write operations. When WP is tied
high to VCC, all write operations to the upper quandrant
(8/16K bits) of memory are inhibited. If left unconnected,
WP is internally pulled down to GND.
Memory Organization
AT24C32/64, 32K/64K SERIAL EEPROM: The 32K/64K is
internally organized as 256 pages of 32 bytes each. Ran-
dom word addressing requires a 12/13 bit data word
address.
Absolute Maximum Ratings*
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage........................................... 6.25V
DC Output Current........................................................ 5.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com