Electronic Components Datasheet Search
  English  ▼

X  

BCP54-16 Datasheet(PDF) 14 Page - EPCOS

Part # BCP54-16
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54-16 Datasheet(HTML) 14 Page - EPCOS

Back Button BCP54-16 Datasheet HTML 10Page - EPCOS BCP54-16 Datasheet HTML 11Page - EPCOS BCP54-16 Datasheet HTML 12Page - EPCOS BCP54-16 Datasheet HTML 13Page - EPCOS BCP54-16 Datasheet HTML 14Page - EPCOS BCP54-16 Datasheet HTML 15Page - EPCOS BCP54-16 Datasheet HTML 16Page - EPCOS BCP54-16 Datasheet HTML 17Page - EPCOS BCP54-16 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
22
04/00
7
Electrical characteristics
7.1
Rated voltage
VR
The rated voltage
VR is the maximum ac or dc voltage which can be continuously applied to the
component at temperatures between the lower category temperature
Tmin and the upper category
temperature
Tmax.
7.2
Test voltage
VT
The test voltage
VT is the ac or dc voltage which may be applied to the component for the specified
test duration in the course of final inspection (100% end of line testing). This test may be repeated
once as an incoming goods inspection test.
7.3
Rated current
IR
The rated current
lR is ac or dc current at which the component may be continuously operated under
the nominal operating conditions.
For components with 1, 2 or 3 lines, the rated current is specified for simultaneous flow of a current
of this value through all lines.
During ac operation, higher thermal loads may be caused due to waveforms which deviate from a
pure sine wave. Where necessary, such cases must be taken into consideration.
7.4
Overcurrent
The rated current may be exceeded briefly. Details on permissible currents and load duration can
be obtained upon request.
7.5
Pulse handling capability
Saturation effects (e.g in the ferrite cores used) may occur when high-energy pulses are applied to
the components and these may lead to impaired interference suppression. The maximum permis-
sible voltage-time integral area is used to characterize the pulse handling capability of chokes. For
standard components a range from 1 to 10 mVs can be assumed. More specific data can be ob-
tained upon request.
7.6
Current derating
Iop/IR
At ambient temperatures above the operating temperature stated in the data sheet, the operating
current must be reduced according to the derating curve.
7.7
Rated inductance
LR
The rated inductance
LR is the inductance which has been used to designate the choke, as
measured at the frequency
fL.
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com