Electronic Components Datasheet Search
  English  ▼

X  

BCP54-16 Datasheet(PDF) 22 Page - EPCOS

Part # BCP54-16
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54-16 Datasheet(HTML) 22 Page - EPCOS

Back Button BCP54-16 Datasheet HTML 14Page - EPCOS BCP54-16 Datasheet HTML 15Page - EPCOS BCP54-16 Datasheet HTML 16Page - EPCOS BCP54-16 Datasheet HTML 17Page - EPCOS BCP54-16 Datasheet HTML 18Page - EPCOS BCP54-16 Datasheet HTML 19Page - EPCOS BCP54-16 Datasheet HTML 20Page - EPCOS BCP54-16 Datasheet HTML 21Page - EPCOS BCP54-16 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
30
04/00
11
Dangerous substances in components
Dangerous substances (as defined by the German regulation “Gefahrstoffverordnung”) are only
used in our production and to an extent where the state of the art leaves us no alternative. Wherever
possible, we replace them by materials with safe characteristics. Where this is not possible, special
staff entrusted with environmental protection and supervision of noxious materials monitor strict ad-
herence to relevant laws and regulations in each of our factories.
As part of these efforts to manufacture our products without using dangerous substances as far as
possible, we can guarantee for all components presented in this data book that they do not contain
the following materials and compounds:
– acryl nitrile
– aliphatic chlorinated organic componds
– arsenic compounds
– asbestos
– lead carbonate and lead sulphide
– halogenated dioxines and furanes
– cadmium
– chlorinated fluorocarbons (CFC),
nor are they used in component manufacture.
Others,
– formaldehyde
– pentachlorophenol (PCB)
– polychlorinated biphenyles (PCB)
– polychlorinated terphenyles (PCT)
– mercury compounds
– creosote
– ugilec and DBBT (PCB substitutes)
– organic tin compounds
– vinyl chloride
may be used in manufacture but the components do not contain these.
The packaging of our components is generally suitable for ESD areas and free of pollutants. Full
details are available from our sales offices.
12
Disposal
In the light of the facts stated above on the topic of dangerous substances, all components present-
ed in this book can be disposed of without problems. Most of our components will be accepted by
the respective electronic scrap recycling companies for material recycling and/or thermal decom-
positon. Of course the corresponding local regulations must be observed.
General Technical Information
Jump to succeding page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com