Electronic Components Datasheet Search
  English  ▼

X  

AT48801 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT48801
Description  8 Bit Spread- Spectrum Microcontroller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT48801 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT48801 Datasheet HTML 9Page - ATMEL Corporation AT48801 Datasheet HTML 10Page - ATMEL Corporation AT48801 Datasheet HTML 11Page - ATMEL Corporation AT48801 Datasheet HTML 12Page - ATMEL Corporation AT48801 Datasheet HTML 13Page - ATMEL Corporation AT48801 Datasheet HTML 14Page - ATMEL Corporation AT48801 Datasheet HTML 15Page - ATMEL Corporation AT48801 Datasheet HTML 16Page - ATMEL Corporation AT48801 Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Shift Register Mode Timing Waveforms
AC Testing Input/Output Waveforms
(1)
Note:
1. AC Inputs during testing are driven at VCC - 0.5V
for a logic 1 and 0.45V for a logic 0. Timing meas-
urements are made at VIH min. for a logic 1 and
VIL max. for a logic 0.
The values in this table are valid for VCC = 5.0V
± 20% and Load Capacitance = 80 pF.
Symbol
Parameter
12 MHz Osc
Variable Oscillator
Units
Min
Max
Min
Max
tXLXL
Serial Port Clock Cycle Time
1.0
12tCLCL
µs
tQVXH
Output Data Setup to Clock Rising Edge
700
10tCLCL - 133
ns
tXHQX
Output Data Hold After Clock Rising Edge
50
2tCLCL - 33
ns
tXHDX
Input Data Hold After Clock Rising Edge
0
0
ns
tXHDV
Clock Rising Edge to Input Data Valid
700
10tCLCL - 133
ns
Serial Port Timing: Shift Register Mode Test Conditions
Float Waveforms
(1)
Note:
1. For timing purposes, a port pin is no longer floating
when a 100 mV change from load voltage occurs. A
port pin begins to float when a 100 mV change from
the loaded VOH/VOL level occurs.
1-16
AT48801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com