Electronic Components Datasheet Search
  English  ▼

X  

AT48801 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT48801
Description  8 Bit Spread- Spectrum Microcontroller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT48801 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT48801 Datasheet HTML 9Page - ATMEL Corporation AT48801 Datasheet HTML 10Page - ATMEL Corporation AT48801 Datasheet HTML 11Page - ATMEL Corporation AT48801 Datasheet HTML 12Page - ATMEL Corporation AT48801 Datasheet HTML 13Page - ATMEL Corporation AT48801 Datasheet HTML 14Page - ATMEL Corporation AT48801 Datasheet HTML 15Page - ATMEL Corporation AT48801 Datasheet HTML 16Page - ATMEL Corporation AT48801 Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
16
5V
± 20%
AT48801-16QC
44Q
Commercial
(0
°C to 70°C)
AT48801-16QI
44Q
Industrial
(-40
°C to 85°C)
Ordering Information
Package Type
44Q
44 Lead, Plastic Gull Wing Quad Flatpack (PQFP)
AT48801
1-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com