Electronic Components Datasheet Search
  English  ▼

X  

LT1355 Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LT1355
Description  Dual and Quad 25MHz, 600V/s Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1355 Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LT1355 Datasheet HTML 8Page - Linear Integrated Systems LT1355 Datasheet HTML 9Page - Linear Integrated Systems LT1355 Datasheet HTML 10Page - Linear Integrated Systems LT1355 Datasheet HTML 11Page - Linear Integrated Systems LT1355 Datasheet HTML 12Page - Linear Integrated Systems LT1355 Datasheet HTML 13Page - Linear Integrated Systems LT1355 Datasheet HTML 14Page - Linear Integrated Systems LT1355 Datasheet HTML 15Page - Linear Integrated Systems LT1355 Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1358/LT1359
135859fb
©LINEAR TECHNOLOGY CORPORATION 2005
LT/LT 1005 REV B • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1357
25MHz, 600V/
µs Op Amp
Single Version of LT1358/LT1359
LT1361/LT1362
Dual and Quad 50MHz, 800V/
µs Op Amps
Faster Version of LT1358/LT1359, VOS = 1mV, IS = 4mA/Amplifier
LT1355/LT1356
Dual and Quad 12MHz, 400V/
µs Op Amps
Lower Power Version of LT1358/LT1359, VOS = 0.8mV, IS = 1mA/Amplifier
LT1812/LT1813/
Single/Dual/Quad 100MHz, 750V/
µs Op Amps
3.6mA/Amplifier, SOT-23, MSOP-8 and SSOP-16 Packages
LT1814
RELATED PARTS
135859 TA03
VIN
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON-MODE REJECTION
BW = 250kHz
R1
20k
R2
2k
R5
432
Ω
R4
20k
R3
2k
VOUT
+
–
–
+
–
+
1/2
LT1358
1/2
LT1358
135859 TA04
VIN
2.61k
5.11k
47pF
3.4k
100pF
1000pF
VOUT
–
+
–
+
2.61k
5.62k
3.4k
330pF
1/2
LT1358
1/2
LT1358
TYPICAL APPLICATIO S
Instrumentation Amplifier
200kHz, 4th Order Butterworth Filter
A
R
R
R
R
R
R
RR
R
V =+
+
⎛
⎝⎜
⎞
⎠⎟
+
+
⎡
⎣
⎢
⎤
⎦
⎥ =
4
3
1
1
2
2
1
3
4
23
5
104
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com