Electronic Components Datasheet Search
  English  ▼

X  

27C010 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # 27C010
Description  1 Megabit 128K x 8 OTP CMOS EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C010 Datasheet(HTML) 3 Page - ATMEL Corporation

  27C010 Datasheet HTML 1Page - ATMEL Corporation 27C010 Datasheet HTML 2Page - ATMEL Corporation 27C010 Datasheet HTML 3Page - ATMEL Corporation 27C010 Datasheet HTML 4Page - ATMEL Corporation 27C010 Datasheet HTML 5Page - ATMEL Corporation 27C010 Datasheet HTML 6Page - ATMEL Corporation 27C010 Datasheet HTML 7Page - ATMEL Corporation 27C010 Datasheet HTML 8Page - ATMEL Corporation 27C010 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Block Diagram
Temperature Under Bias ................ -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground......................... -2.0V to +7.0V
(1)
Voltage on A9 with
Respect to Ground ...................... -2.0V to +14.0V
(1)
VPP Supply Voltage with
Respect to Ground....................... -2.0V to +14.0V
(1)
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note:
1. Minimum voltage is -0.6V dc which may undershoot
to -2.0V for pulses of less than 20 ns. Maximum out-
put pin voltage is VCC + 0.75V dc which may over-
shoot to +7.0V for pulses of less than 20 ns.
Absolute Maximum Ratings*
Operating Modes
Mode \ Pin
CE
OE
PGM
Ai
VPP
Outputs
Read
VIL
VIL
X
(1)
Ai
X
DOUT
Output Disable
X
VIH
X
X
X
High Z
Standby
VIH
X
X
X
X
High Z
Rapid Program (2)
VIL
VIH
VIL
Ai
VPP
DIN
PGM Verify
VIL
VIL
VIH
Ai
VPP
DOUT
PGM Inhibit
VIH
XX
X
VPP
High Z
Product Identification (4)
VIL
VIL
X
A9 = VH
(3)
A0 = VIH or VIL
A1 - A16 = VIL
X
Identification
Code
Notes: 1. X can be VIL or VIH.
2. Refer to Programming characteristics.
3. VH = 12.0
± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs
are held low (VIL), except A9 which is set to VH and A0
which is toggled low (VIL) to select the Manufacturer’s Identi-
fication byte and high (VIH) to select the Device Code byte.
AT27C010/L
3-155



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com