Electronic Components Datasheet Search
  English  ▼

X  

27C010 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 27C010
Description  1 Megabit 128K x 8 OTP CMOS EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

27C010 Datasheet(HTML) 4 Page - ATMEL Corporation

  27C010 Datasheet HTML 1Page - ATMEL Corporation 27C010 Datasheet HTML 2Page - ATMEL Corporation 27C010 Datasheet HTML 3Page - ATMEL Corporation 27C010 Datasheet HTML 4Page - ATMEL Corporation 27C010 Datasheet HTML 5Page - ATMEL Corporation 27C010 Datasheet HTML 6Page - ATMEL Corporation 27C010 Datasheet HTML 7Page - ATMEL Corporation 27C010 Datasheet HTML 8Page - ATMEL Corporation 27C010 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC Characteristics for Read Operation
AT27C010 / AT27C010L
-45
-55
-70
-90
-12
-15
Symbol Parameter
Condition
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC (3)
Address to
Output Delay
CE = OE
= VIL
45
55
70
90
120
150
ns
tCE (2)
CE to Output Delay
OE = VIL
45
55
70
90
120
150
ns
tOE (2, 3) OE to Output Delay
CE = VIL
20
25
30
35
35
40
ns
tDF (4, 5)
OE or CE High to
Output Float, whichever occurred first
20
20
25
25
30
35
ns
tOH
Output Hold from
Address, CE or OE,
whichever occurred first
777000
ns
Notes:
2, 3, 4, 5. - see AC Waveforms for Read Operation.
DC and AC Operating Conditions for Read Operation
AT27C010 / AT27C010L
-45
-55
-70
-90
-12
-15
Operating
Temp. (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1)
Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA,
CE = VIL
AT27C010L
25
mA
AT27C010
35
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
Notes: 1. VCC must be applied simultaneously or before VPP,
and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during program-
ming. The supply current would then be the sum of ICC and IPP.
3-156
AT27C010/L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com