Electronic Components Datasheet Search
  English  ▼

X  

AT48810 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT48810
Description  900 MHz Spread- Spectrum RF Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT48810 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT48810 Datasheet HTML 1Page - ATMEL Corporation AT48810 Datasheet HTML 2Page - ATMEL Corporation AT48810 Datasheet HTML 3Page - ATMEL Corporation AT48810 Datasheet HTML 4Page - ATMEL Corporation AT48810 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TX PWR
GAIN
ON/OFF
f = 83.16 MHz
Bw = 30 kHz
C
ANTENNA
PORT
T/R
SWITCH
902-
928 MHz
TR SW
XTAL OSC
83.16 ± 1.23 MHz
HANDSET OR BASE
AUDIO
DISCRIMINATOR
DOWN
CONVERTER
TCXO
15.36 MHz
SYNTHESIZER
DATA
3
AMP
LNA
IF AMP
f = 1.23 MHz
C
RSSI
UPCONVERTER
SPREAD
f = 915 MHz
C
ON/OFF
CLOCK
PN ENABLE
PN
TX PWR
PA V
CC
ON/OFF
OTHER CIRCUITS
V
CC
Block Diagram
Note:
1. The module cannot legally be certified without an antenna; this is an FCC requirement.
TDD Rate
7.5 kHz max
Channel
N
End B
First LO, MHz
TX, MHz
RX, MHz
1
1334
825.7536
910.1424
908.9136
2
1350
829.4400
913.8288
912.6000
3
1356
833.1264
917.5152
916.2864
4
1363
837.4272
921.8160
920.5872
Operating Frequencies
Table 1. Version “B” (1, 2, 3, 4, 5, 6, 7, 8)
Note:
1. Second LO = 84.3888 MHz
2. Reference Divider = 25
3. Phase Detector = 614.4 kHz
4. First IF = 83.160 MHz
5. Second IF = 1.229 MHz
6. Synthesizer PLL Bandwidth = 80 kHz nominal
7. Frequency Accuracy =
±3.5 ppm
(including temperature 0° to 50°C)
8. Switching Time = 2.2 ms nominal, Ch 1 to Ch 4
3-2
AT48810



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com