Electronic Components Datasheet Search
  English  ▼

X  

AT48810 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT48810
Description  900 MHz Spread- Spectrum RF Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT48810 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT48810 Datasheet HTML 1Page - ATMEL Corporation AT48810 Datasheet HTML 2Page - ATMEL Corporation AT48810 Datasheet HTML 3Page - ATMEL Corporation AT48810 Datasheet HTML 4Page - ATMEL Corporation AT48810 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Adjustments
There are no user adjustments. The three adjustments
are discriminator frequency adjust, TCXO nominal fre-
quency, and transmit upconverter filter tuning.
Temperature
0° to 55°C
Humidity
10% to 90% non-condensing
Vibration
Shock
Environment
Physical
(Dimensional Drawings)
Antenna Port Options
Center, Left, Right
Weight
Ordering Code
Antenna
Frequency Plan
Second LO
AT48810-RB
Right
B
84.3888 MHz
AT48810-RH
Right
H
81.9312 MHz
AT48810-CB
Center
B
84.3888 MHz
AT48810-CH
Center
H
81.9312 MHz
AT48810-LB
Left
B
84.3888 MHz
AT48810-LH
Left
H
81.9312 MHz
Ordering Information
Voltage
+4.5 VDC min., +5.5 VDC max.
Current
Transmit only 185 mA nominal
TDD 50/50 130 mA nominal
Receive only 85 mA nominal
Turn-On Time
for 1 ppm error from final frequency
1. TCXO, from VCC edge = 3 ms max.
2. Synthesizer, VCC stabilized, from data latch edge = 3 ms max.
(1)
Power Amp
+4.0 VDC full power, +0.6 VDC for Pout < 0 dBm
Power Supply
Note:
1. It is allowable to program the synthesizer before the TCXO is fully stabilized
AT48810
3-5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com