Electronic Components Datasheet Search
  English  ▼

X  

TS1052 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1052
Description  Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1052 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1052 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS1052
Constant Voltage and Constant Current Controller
For Battery Chargers and Adaptors
2/8
Version: A12
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
20
V
Input Voltage
VIN
-0.3 to VCC
V
Operating Temperature
TOP
0 to +85
oC
Maximum Junction Temperature Range
TJ
150
oC
Thermal Resistance Junction to Ambient
R
θja
250
oC/W
Operating Condition
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
2.5 to 18
V
Electrical Specifications (TA=25
oC, V
IN=5V unless otherwise noted)
Note 1: If the Voltage on Vctrl (the negative input of the amplifier) is higher than the positive amplifier input (Vref-
1.21V), and it is increased by 1mV, the sinking current at the output will be increased by 3.5mA.
Note 2: The internal Voltage reference is set at 1.21V (bandgap reference). The voltage control loop precision
takes into account the cumulative effects of the internal voltage reference deviation as well as the input
offset voltage of the trans-conductance operational amplifier. The internal voltage reference is fixed by
bandgap, and trimmed to 0.5% accuracy at room temperature.
Note 3: When the positive input at Ictrl is lower than -200mV, and the voltage is decreased by 1mV, the sinking
current at the output will be increased by 7mA
Note 4: The internal current sense threshold is set to -200mV. The current control loop precision takes into account
the cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the
trans-conduction operational amplifier
Parameter
Symbol
Min
Typ
Max
Unit
Total Current Consumption
Total Supply Current – not taking the output sinking
current into account
ICC
--
1.1
2
mA
Voltage Control Loop
Trans-conduction Gain (Vctrl) sink Current Only (Note 1)
GMW
1
3.5
--
mA/mV
Voltage Control Loop Reference (Note 2)
VREF
1.198
1.21
1.222
V
Input Bias Current (Vctrl)
IIBV
--
50
--
nA
Current Control Loop
Trans-conduction Gain (Ictrl) sink Current only (Note 3)
GMI
1.5
7
--
mA/mV
Current Control Loop Reference, (Note 4) IOUT=2.5A,
VSENSE
196
200
204
mV
Current Out of Pin Ictrl at – 200mV
IIBI
--
25
--
µA
Output Stage
Low Output Voltage at 10mA sinking Current
VOL
--
200
--
mV
Output Short Circuit Current. Output to VCC. Sink Current
Only
IOS
--
27
50
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com