Electronic Components Datasheet Search
  English  ▼

X  

TS1052 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1052
Description  Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1052 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1052 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1052 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS1052
Constant Voltage and Constant Current Controller
For Battery Chargers and Adaptors
1/8
Version: A12
SOT-26
General Description
TS1052 is a highly integrated solution for SMPS applications requiring CV (constant voltage) and CC (constant
current) mode. TS1052 integrated one voltage reference, two operational amplifiers, and a current sensing circuit.
The voltage reference combined with one operational amplifier make it an ideal voltage controller, and the other
low voltage reference combined with the other operational amplifier make it an ideal current limiter for output low
side current sensing.
The current threshold is fixed, and precise. The only external components are:
* A resistor bridge to be connected to the output of the power supply (Adapter, battery charger) to set the voltage
regulation by dividing the desired output voltage to match the internal voltage reference value.
* A sense resistor having a value and allowable dissipation power which need to be chosen according to the
internal voltage threshold.
Features
●
Constant Voltage and Constant Current Control
●
Low Voltage Operation
●
Precision Internal Voltage Reference
●
Low External Component Count
●
Current Sink Output Stage
●
Easy Compensation
●
Low AC Mains Voltage Rejection
Ordering Information
Part No.
Package
Packing
TS1052CX6 RFG
SOT-26
3Kpcs / 7” Reel
Note: “G” denotes for Halogen free products
Block Diagram
Application
●
Battery Charger
●
Adapters
Pin Function Description
Name
Type
Function
VCTRL
Analog Input
Input Pin of the Voltage Control Loop
VND
Power Supply
Ground Line. 0V Reference For All Voltage
Out
Current Sink Output
Output Pin. Sinking Current Only
ICTRL
Analog Input
Input Pin of the Current Control Loop
VSENSE
Analog Input
Input Pin of the Current Control Loop
VCC
Power Supply
Position Power Supply Line
Pin Definition:
1. VCTRL 6. VCC
2. VND
5, VSENSE
3. Out
4. ICTRL


Similar Part No. - TS1052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS105-1 ETC2-TS105-1 Datasheet
301Kb / 2P
Thermosensors
logo
TE Connectivity Ltd
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
For Contactless Temperature Measurement
logo
List of Unclassifed Man...
TS105-2 ETC2-TS105-2 Datasheet
301Kb / 2P
Thermosensors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1051CSRL TSC-TS1051CSRL Datasheet
523Kb / 9P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results

Similar Description - TS1052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Sep-2001
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Jan-2002
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
Feb-2004
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
Constant voltage and constant current controller for battery chargers and adaptors
12-Feb-2008
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
IK Semicon Co., Ltd
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com