Electronic Components Datasheet Search
  English  ▼

X  

TS1910 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS1910
Description  680kHz/1.2MHz High Voltage Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1910 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1910 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS1910
680kHz/1.2MHz High Voltage Boost Converter
6/8
Version: A12
Application Information (Continue)
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout is included that disables the
device, if the input voltage falls below (2.35V-150mV).
Input Capacitor Selection
For better input bypassing, low-ESR ceramic capacitors are recommended for performance. Two parallel 10uF (or
one 22uF) input capacitor is sufficient for most applications. For a lower output power requirement application, this
value can be decreased.
Output Capacitor Selection
For lower output voltage ripple, low-ESR output capacitor like ceramic capacitor is recommended. Three 10uF
ceramic capacitors work for most of the applications. Higher capacitor values can be used to improve the load
transient response and reduce output ripple.
Layout Guide



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com