Electronic Components Datasheet Search
  English  ▼

X  

TS1910 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS1910
Description  680kHz/1.2MHz High Voltage Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1910 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS1910 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1910 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS1910
680kHz/1.2MHz High Voltage Boost Converter
7/8
Version: A12
SOP-8EP Mechanical Drawing
SOP-8EP DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
E
2.05
2.41
0.081
0.095
E1
2.82
3.30
0.111
0.130
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
0º
7º
0º
7º
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com