Electronic Components Datasheet Search
  English  ▼

X  

TS19603 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19603
Description  400mA High Voltage Adjustable Current Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19603 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19603 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS19603
400mA High Voltage Adjustable Current Regulator
With Enable Control
2/6
Version: A13
Electrical Specification (VIN=24V, TA=25
oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Output Current
VOUT =0.5V, RSET=3kΩ
--
200
--
mA
VOUT =0.5V, RSET=1.5kΩ
--
400
--
Output Current Deviation
VOUT =0.5V, IOUT =200mA~400mA
--
--
±5
%
SET Current Range
200
--
900
µA
Minimum Output Current
ISET=200µA
--
100
--
mA
Maximum Output Current
ISET=900µA
--
450
--
mA
Output Dropout Voltage
ISET=800µA (Note 1)
--
0.28
--
V
Load Regulation
VOUT =0.5V to 3V, IOUT =200mA
--
--
3
mA/V
Line Regulation
VOUT =0.5V, IOUT =350mA, VIN=5~50V
--
0.08
0.15
%/V
Enable Low Input Voltage
0
--
0.8
V
Enable High Input Voltage
Should lower than VIN
2
--
12
V
Enable Low Input Current
-20
--
+20
µA
Enable High Input Current
-5
--
+5
µA
Output Enable Delay Time
EN from low to high. VOUT=0.5V,
IOUT=350mA, Duty 50%
--
3
--
µS
Output Disable Delay Time
EN from high to low. VOUT=0.5V,
IOUT=350mA, Duty 50%
--
3
--
µS
Supply Current Consumption
--
--
5
mA
Note 1: Output Dropout Voltage: Duty 90% x IOUT @ VOUT=0.5V
Note 2: Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may remain possibility to affect device reliability.
Note 3: Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test
board in free air at TA=25°C.
Note 4: 2 square inch of FR-4, double sided, 1 oz. minimum copper weight.
Note 5: Devices are ESD sensitive. Handling precaution recommended.
Pin Function Description
Pin Name
Pin Function
VIN
Power Supply Pin
OUT
Output pin. Sink current is decided by the current on RSET connected to ISET pin.
ISET=1.2V x 500/RCS
GND
Ground Pin
OE
Output Stage Enable Control pin. High enable the output pin. It can be left floating for normally
on.
ISET
Output Current Setting pin. Connect a resistor from ISET to GND to set the LED bias current
ISET=0.002 x IOUT=1.2V/RCS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com