Electronic Components Datasheet Search
  English  ▼

X  

TS19603 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19603
Description  400mA High Voltage Adjustable Current Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19603 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19603 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19603 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS19603
400mA High Voltage Adjustable Current Regulator
With Enable Control
1/6
Version: A13
SOP-8EP
General Description
The TS19603 is a high voltage, low dropout current regulator of maximum output current up to 400mA. The output
current is decided by an external resistor, and the output sink current could be disabled via OE pin. TS19603
internally also build-in thermal protection to prevent the chip over heat damage.
Features
●
0.28V VDROP @ 400mA
●
400mA Maximum Output Current
●
Output Current Controlled by External Resistor
●
3µs Fast Response Output Stage Enable Control
●
Wide Supply Voltage Range: 5~50V
Typical Application Circuit
Applications
●
High Power LED Driver
●
RGB Full Color Power LED Driver
●
LCD Monitor/TV LED Backlight Driver
Ordering Information
Part No.
Package
Packing
TS19603CS RLG
SOP-8EP
2.5Kpcs / 13” Reel
Note: “G” denotes Halogen Free Product.
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Input Voltage
VIN
55
V
Output Sink Current
IOUT
450
mA
Output Enable Voltage
VEN
13.2
V
Operating Junction Temperature Range
TOPR
-40 ~ +150
ºC
Storage Temperature Range
TSTG
-65 ~ +150
ºC
Thermal Resistance Junction to Air
θ
JA
80
ºC/W
Power Dissipation PD @ TA=25
°C (Note 2)
PD
1
W
Thermal Resistance - Junction to Ambient
θ
JA
36
ºC/W
Thermal Resistance - Junction to Case
θ
JC
5.5
ºC/W
ESD Rating (Human Body Model) (Note 4)
ESD
2
kV
Recommend Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage
VIN
5
--
50
V
Output Enable Voltage
VEN
0
--
12
V
Output Sink Current
IOUT
200
--
400
mA
Operating Junction Temperature Range
TOPR
-20
--
+125
ºC
Operating Free-Air Temperature Range
TA
-20
--
+85
ºC
TS19603
Pin Definition:
1. GND
8. OUT
2. GND
7. OUT
3. VDD
6. NC
4. ISET
5. OE


Similar Part No. - TS19603

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601 TSC-TS19601 Datasheet
268Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5RO TSC-TS19601CP5RO Datasheet
220Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5RO TSC-TS19601CP5RO Datasheet
268Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
TS19601CP5ROG TSC-TS19601CP5ROG Datasheet
268Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
More results

Similar Description - TS19603

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L200 STMICROELECTRONICS-L200 Datasheet
165Kb / 12P
ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
Jan-2000
logo
Maxim Integrated Produc...
MAX5087 MAXIM-MAX5087_08 Datasheet
313Kb / 13P
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 3; 2/08
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX5087 MAXIM-MAX5087 Datasheet
294Kb / 12P
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 4; 4/13
logo
Sipex Corporation
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
logo
SHANGHAI BELLING CO., L...
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317B BELLING-BL317B Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6225 HMSEMI-HM6225 Datasheet
393Kb / 8P
400mA output voltage adjustable high speed LDO regulators
logo
Maxim Integrated Produc...
MAX5087 MAXIM-MAX5087_14 Datasheet
1Mb / 12P
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3964; Rev 6; 5/14
logo
AiT Semiconductor Inc.
A317B AITSEMI-A317B Datasheet
500Kb / 9P
BIPOLAR LINEAR REGULATOR HIGH CURRENT ADJUSTABLE VOLTAGE
REV1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com