Electronic Components Datasheet Search
  English  ▼

X  

AT76C101 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT76C101
Description  JPEG Image Compression Processor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C101 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT76C101 Datasheet HTML 5Page - ATMEL Corporation AT76C101 Datasheet HTML 6Page - ATMEL Corporation AT76C101 Datasheet HTML 7Page - ATMEL Corporation AT76C101 Datasheet HTML 8Page - ATMEL Corporation AT76C101 Datasheet HTML 9Page - ATMEL Corporation AT76C101 Datasheet HTML 10Page - ATMEL Corporation AT76C101 Datasheet HTML 11Page - ATMEL Corporation AT76C101 Datasheet HTML 12Page - ATMEL Corporation AT76C101 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AT76C101
13
Electrical Specifications
Table 5. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Conditions
V
cc
DC supply voltage
-0.3
4.6
V
Core and standard IOS
V
i
DC input voltage
-0.3
Vdd + 0.3V
V
or see +-IIk
V
o
DC output voltage
Vdd + 0.3V
V
or see +-IOk
+-I
Ik
DC input diode current
10
mA
Vi<-0.5V
Vi>Vdd+0.5V
+-I
OK
DC output diode current
10
mA
V0<-0.5V
V0>Vdd+0.5V
I
olMAX
Continuous output current
10
mA
Industrial
I
ohMAX
Continuous output current
10
mA
Industrial
t
SH
Time of outputs shorted
5
sec
T
A
Temperature range
-40
+85
C
Industrial
T
SG
Storage Temperature
-65
+150
C
Table 6. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
V
cc
DC supply voltage
3
3.3
3.6
V
V
i
DC input voltage
0
Vdd
V
V
0
DC output voltage
0
Vdd
V
T
A
Temperature range
-40
+85
C
Industrial
T
R
Input rise time
15
ns
10%-90% CMOS
T
F
Input fall time
15
ns
10%-90% CMOS
Table 7. DC Characteristics
Symbol
Parameter
Min
Max
Unit
Conditions
I
ih
I
il
Input leakage, no pullup
Input leakage, no pullup
µA
µA
V
in = Vcc = 5.5V
V
in = 0, Vcc = 5.5V
I
oz
High-impedance output current
bi-directional pins
µA
V
cc = 5.5V
V
il
V
ih
Low level input voltage
High level input voltage
V
V
CMOS inputs and bi-dir.
CMOS inputs and bi-dir.
V
OL
V
OH
Low level input voltage
High level input voltage
V
V
I
OL = 5.0mA
I
OH = 5.0mA
C
IN
Input capacitance
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com