Electronic Components Datasheet Search
  English  ▼

X  

AT76C101 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT76C101
Description  JPEG Image Compression Processor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C101 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT76C101 Datasheet HTML 1Page - ATMEL Corporation AT76C101 Datasheet HTML 2Page - ATMEL Corporation AT76C101 Datasheet HTML 3Page - ATMEL Corporation AT76C101 Datasheet HTML 4Page - ATMEL Corporation AT76C101 Datasheet HTML 5Page - ATMEL Corporation AT76C101 Datasheet HTML 6Page - ATMEL Corporation AT76C101 Datasheet HTML 7Page - ATMEL Corporation AT76C101 Datasheet HTML 8Page - ATMEL Corporation AT76C101 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AT76C101
2
Description
The AT76C101 is an Image Compression/Decompression
Processor that performs the JPEG Baseline Algorithm. The
system is capable of high quality compression and decom-
pression of continues-tone color or monochrome images.
The AT76C101 performs the Discrete Cosine Transform,
Quantization, and Entropy Encoding during the compres-
sion stage and carries out all inverse operations during the
decompression phase. The AT76C101 uses an external
SRAM as working memory, which is accessed by an on-
chip video interface.
The AT76C101 is designed to operate with minimum host
intervention. A host processor is required to program the
chip in the required operating mode, and to extract the
JPEG header from the compressed bit stream during the
decompression phase. Based on this information, it then
initializes the internal registers. Once the chip has been ini-
tialized, the AT76C101 operates continuously until it has
completed compression/decompression of a image frame.
The image compression ratio is controlled by the user sup-
plied quantization tables, which are loaded before the com-
pression/decompression operation. Compression ratios
from 1:1 to 50:1 are possible depending on the quality and
storage requirements of the application.
Basic System Configuration
An AT76C101-based image compression system is shown
in Figure 1. The AT76C101 requires the following external
devices:
• A microcontroller to program and initialize the chip in the
required operating mode. This device is also used to
strip the JPEG header during decompression and to
provide the AT76C101 with the header information.
• An external working memory (SRAM) for handling
uncompressed/decompressed images. The size of this
memory depends on the size of the image being
processed. The formula to assess the memory size is
given in the Pixel Interface section of this manual.
• An external memory device to store the compressed
data stream. This external memory can be either a fast
memory or a slow inexpensive memory. The size of this
memory
depends
on
the
needs
of
the
specific
application.
Figure 1. AT76C101-based Image Compression System
RAW_OUT
SAMPLING & COLOR
CONVERSION
SRDATA15-0
SRADDR14-0
PXWE
PXRE
PXIN
PXOUT
STOP_PIXEL
SRDRIVE
H_SYNC
V_SYNC
PX_CLK
CLK_IN
M_ADDR19-0
M_DATA7-0
MEM_CS
TEST
RESET
FRAMEND
FREEZE
MASTER_CS
MASTER_WR
MASTER_OE
BUSY
32K x 16
SRAM
DATA15-0
ADDR15-0
RE
WE
YUV
RGB
IMAGE TO
DISPLAY
Image
Source
24-BIT
RGB
COMPRESSED
DATA
MEMORY
ADDR19-0
DATA7-0
CS
WR
OE
MICROCONTROLLER
AT76C101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com