Electronic Components Datasheet Search
  English  ▼

X  

1737 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1737
Description  Dual Range DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1737 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1737 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1737 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1737 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
w w w.bk prec ision.c om
Dual Range DC Power Supplies
Models 1737 & 1747
v071812
Specifications
Note: All specifications apply to the unit after a temperature stabilization time of 30 minutes.
Mode l
1 73 7
1 747
Out put Rati ngs ( 0 °C~4 0 °C)
Voltage
0-60 V
Current
0-3 A (0-30 V range)
0-2 A (0-60 V range)
0-10 A (0-35 V range)
0-5 A (0-60 V range)
Load Re gul at ion ±(% o f output+o ffse t)
Voltage
0.01% + 3 mV
0.01% + 5 mV
Current
0.2% + 3 mA
Line Re gul at ion ±(% o f output+o ffset )
Voltage
0.01% + 3 mV
Current
0.2% + 3 mA
Ri ppl e & No ise (2 0 Hz ~ 20 MHz)
Voltage
1 mVrms
Current
≤ 3 mArms
Re co very Time
Time
≤ 100 µs
Me ter Resol ut ion
Voltage
10 mV
Current
1 mA
1 mA (0-5 A)
10 mA (5-10 A)
Me ter Accuracy
Voltage
0.5% + 9 digits
0.5% + 5 digits
Current
0.5% + 9 digits
0.5% + 5 digits
Gen eral
Power Requirements
120/220 VAC ±10%, 50/60 Hz
115/230 VAC ±10%, 50/60 Hz
Power Consumption
≤ 180 VA
≤ 560 VA
Protection
Reverse polarity, current limiting
Operat ing E nvi ron ment
Temperature
32 °F to 104 °F (0 °C to 40 °C)
Humidity
75% R.H.
Temperature coefficient (0 °C~35 °C)
(%of output+offset)
300 ppm/°C
Storage Temperature
5 °F to 158 °F (-15° to +70° C)
Storage Humidity
85% R.H.
Me ch an ical Specificatio ns
Weight
10.5 lbs (4.8 kg)
30.2 lbs (13.7 kg)
Dimensions (W x H x D)
5.5” x 6.2” x 12.5" (140 x 158 x 318 mm)
10.75” x 6” x 14” (273 x 153 x 356 mm)
Two Year Warranty
Included Accessories: Power cord, instruction manual, RS-232 cable, shorting bar



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com