Electronic Components Datasheet Search
  English  ▼

X  

1737 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1737
Description  Dual Range DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1737 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1737 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1737 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1737 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B&K Precision’s models 1737 and 1747 are
general purpose dual range DC power sources.
These power supplies can output higher voltage
at a lower current range or more current at a
lower voltage range. Two 4-digit LED displays
continuously monitor the output voltage and
current. The power supplies can be operated
locally from the front panel or remotely through
the RS-232 interface.
Features and Benefits
I
Dual range to accommodate applications
requiring either a higher voltage or a higher
current
I
Low ripple and noise
I
Excellent regulation
I
Constant voltage (CV) and constant current
(CC) mode operation
I
Two 4-digit LED displays provide
good visibility in bright or low light
I
LED indication for CV and CC modes
I
Automatic recall of last settings on power up
I
RS-232 interface
I
Front panel emulation software available for
download
I
Isolated output
I
Overload protection
I
Reverse polarity protection
Dual Range DC Power Supplies
Models 1737 & 1747
Data Sheet
w w w.bk prec ision.c om
Technical data subject to change
© B&K Precision Corp. 2012
The 1737 and 1747 both exhibit excellent
regulation and low ripple characteristics. Their
mechanical configuration conserves bench space
and allows for easy portability.
These power supplies are well-suited for a wide
variety of electrical and electronics applications in
service shops, engineering labs, production,
school laboratories, and home use.
Output Ratings/Model
1737
1747
Voltage
0 - 60 V
Current
0-3 A (0-30 V range)
0-2 A (0-60 V range)
0-10 A (0-35 V range)
0-5 A (0-60 V range)
1747 Operating Range
Current (A)
05
10
60
35
Range 1
Range 2
1737 Operating Range
Current (A)
01
2
3
60
30
Range 1
Range 2


Similar Part No. - 1737

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
1737 BK-1737 Datasheet
2Mb / 3P
Dual Range DC Power Supplies
logo
Adafruit Industries
1737 ADAFRUIT-1737 Datasheet
128Kb / 2P
Mini Wireless Keyboard - Black w/ Batteries
7/21/2015
logo
Festo Corporation.
173700 FESTO-173700 Datasheet
85Kb / 1P
Compressed air filter
logo
Eaton All Rights Reserv...
173700 EATON-173700 Datasheet
2Mb / 68P
Thermal overload relays XTOD/XTOG
logo
Weidmuller
1737000000 WEIDMULLER-1737000000 Datasheet
742Kb / 22P
Cable glands
More results

Similar Description - 1737

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9170 ETC2-9170 Datasheet
286Kb / 6P
Programmable Dual-Range DC Power Supplies
logo
B&K Precision Corporati...
9110 BK-9110 Datasheet
726Kb / 1P
Multi-Range 60 V DC Power Supplies
9115 BK-9115 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
1737 BK-1737 Datasheet
2Mb / 3P
Dual Range DC Power Supplies
MR25080 BK-MR25080 Datasheet
2Mb / 7P
High Voltage Multi-Range DC Power Supplies
9103 BK-9103 Datasheet
1Mb / 3P
Multi-Range DC Power Supplies
9170 BK-9170 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9170B BK-9170B Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9200 BK-9200 Datasheet
2Mb / 4P
Multi-Range Programmable DC Power Supplies
9200B BK-9200B Datasheet
1Mb / 6P
Multi-Range Programmable DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com