Electronic Components Datasheet Search
  English  ▼

X  

9170 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 9170
Description  Programmable Dual-Range DC Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9170 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  9170 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.bkprecision.com
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
4
Hot-swap mode*
This mode is ideal for testing LED panels in a mass production environment. Throughput is significantly increased by eliminating the need to turn the power supply on
and off between each test, while sufficiently minimizing the time interval of the surge current to protect the UUT. With the addition of a handler interface, each UUT
can be “hot-swapped” to automatically connect to the test station interface.
LED mode
With LED mode active, inrush current will be eliminated or minimized to protect the UUT.
Low current mode*
This unique function enables the power supply to
minimize the voltage rise time in a controlled
manner. This mode is used when operating at a
low current (< 1 A) and quick transitions from a
high-to-low or low-to-high voltage are needed.
To address the growing LED market, the 9170/9180 series design incorporates special LED test modes for efficient and safe electrical tests of LED panels. Powering
LEDs with conventional power supplies will potentially cause permanent damage to the UUT or limit its lifespan due to excessive inrush current at power up and the
non-linear characteristics of the LED’s I-V curve. These power supplies feature three distinct operating modes suitable for LED testing in a manufacturing or R&D
environment and other special applications requiring a controlled rise time at power up without generating any inrush current.
Example LED test setup
Low current mode OFF
Low current mode ON
Current flow during power up with LED mode enabled
Voltage rise time with and without low current mode enabled
Inrush current
Output ON
20 ms
5 ms
Output ON
Test modes for LED and other special applications
* Hot-swap mode (hardware option) and low current
mode for high voltage models 9184 and 9185 only.
LED mode OFF
LED mode ON



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com