Electronic Components Datasheet Search
  English  ▼

X  

9170 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9170
Description  Programmable Dual-Range DC Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9170 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9170 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9170 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2012
The 9170/9180 series programmable DC power
supplies offer industry leading performance,
designed to meet the most demanding
applications in R&D, design verification, and
production test. All nine models deliver clean,
stable and precise output power due to their
exceptionally low ripple and noise, low
temperature coefficient, excellent regulation,
and fast transient response time characteristics.
These power supplies are well suited for both
bench use and ATE applications. For bench use,
these power supplies offer an intuitive user
interface with a full numerical keypad for
convenient data entry. R&D and design engineers
will appreciate front panel output and remote
sense terminals (available on select models). Free
application software is provided for remote
control without the need for any computer
programming. USB and optional GPIB/LAN
interfaces combined with a fast transient response
time, make this series ideal for ATE applications.
Additionally, this series offers unique features
not typically found in other power sources on
the market, such as versatile LED test modes,
Features & Benefits
I
Single and dual output models with up to
210W output power
I
Dual range output with automatic range
selection*
I
Programmable voltage and current slew rates
I
Front and rear panel output terminals for
convenient wiring
I
Front and rear panel remote sense terminals
(on select models)
I
List mode for executing up to 10 stored test
sequences with a maximum of 150 steps in
total
I
Store and recall up to 10 power settings
I
SCPI compliant USB standard interface,
RS232, GPIB & LAN, RS485 optional
(Installation through modular interface slots)
I
Remote analog programming interface (option)
I
Unique LED test modes for minimizing inrush
current
I
Application software for remote control
I
Overvoltage (OVP) and overcurrent (OCP)
protection, including key-lock function
I
Convenient voltage and current calibration via
front panel
I
LabVIEWTM drivers available for download
Outstanding performance combined with unique features
* Except for high voltage models 9184 and 9185.
Output Rating
No. of
Outputs
Model
0-10 V, 0-10 A / 0-20 V, 0-5 A
1
9171
0-35 V, 0-3 A / 0-70 V, 0-1.5 A
1
9172
0-10 V, 0-10 A / 0-20 V, 0-5 A
2
9173
0-35 V, 0-3 A / 0-70 V, 0-1.5 A
2
9174
0-18 V, 0-8 A / 0-36 V, 0-4 A
1
9181
0-10 V, 0-20 A / 0-20 V, 0-10 A
1
9182
0-35 V, 0-6 A / 0-70 V, 0-3 A
1
9183
0-100 V, 0-2 A / 0-200 V, 0-1 A
1
9184
0-400 V, 0-0.5 A / 0-600 V, 0-0.35 A
1
9185
modular interface card slots, automatic range
selection, and an optional 8-bit bidirectional
digital I/O interface.
To protect your DUT (device under test), the
9170/9180 series provides safety options such
as OVP, OCP, and a key-lock feature to prevent
accidental change of parameters that might
damage your DUT. Built for reliability, the
supplies are also backed by a 3 year warranty.


Similar Part No. - 9170

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9170 BK-9170 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
logo
Heyco.
9170 HEYCO-9170 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Advantech Co., Ltd.
91700001524 ADVANTECH-91700001524 Datasheet
488Kb / 2P
Development Kit for RTX2.0 computer Module ROM-3420
6-Jun-2019
logo
Dialight Corporation
91701A DIALIGHT-91701A Datasheet
1Mb / 4P
LED Bus Lighting
logo
Tyco Electronics
917090 MACOM-917090 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
More results

Similar Description - 9170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1737 ETC2-1737 Datasheet
222Kb / 3P
Dual Range DC Power Supplies
logo
Keysight Technologies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
Programmable DC Power Supplies
logo
B&K Precision Corporati...
9115 BK-9115 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
1737 BK-1737 Datasheet
2Mb / 3P
Dual Range DC Power Supplies
9120A BK-9120A Datasheet
800Kb / 3P
Programmable DC Power Supplies
9170 BK-9170 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9170B BK-9170B Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9200 BK-9200 Datasheet
2Mb / 4P
Multi-Range Programmable DC Power Supplies
9200B BK-9200B Datasheet
1Mb / 6P
Multi-Range Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com