Electronic Components Datasheet Search
  English  ▼

X  

28015 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 28015
Description  Eddie Robot Platform
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28015 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 28015 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28015 Datasheet HTML 9Page - List of Unclassifed Manufacturers 28015 Datasheet HTML 10Page - List of Unclassifed Manufacturers 28015 Datasheet HTML 11Page - List of Unclassifed Manufacturers 28015 Datasheet HTML 12Page - List of Unclassifed Manufacturers 28015 Datasheet HTML 13Page - List of Unclassifed Manufacturers 28015 Datasheet HTML 14Page - List of Unclassifed Manufacturers 28015 Datasheet HTML 15Page - List of Unclassifed Manufacturers 28015 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 12 of 16
Viewing Eddie from the front, (as in Figure 9a), connect the left-most IR Sensor cable to “AD1”, the
center IR sensor to “AD2”, and the right-most IR Sensor to “AD3”. Connect the left-most Ping))) to I/0
“1” and the right-most Ping))) to I/O “2” on the Eddie Control Board. Be sure to observe proper polarity
– the black wires (ground) should be attached to the outer-most pins of the 3-pin headers.
Connect the three-pin cable from the right Position Controller to Pin-set 11 in the “Encoders” section of
the Control Board. The black wire should be on the outer-most pin of the three-pin header.
Locate the power enable switch on the Control Board near the USB connector. Slide the “Motors – Board
– Off” switch to the “Motors” position (all the way closest to the USB connector). This switch will leave
board power and motor power enabled since they are switched externally using the high-current red and
blue power switches.
Step 10: Second Deck Installation
The Second Deck’s “top” side is indicated by the (4) counter-sunk holes that line up with the (4) 5” long
aluminum standoffs. The “counter sink” is the top.
Attach the two 12” long standoffs to the Second Deck by inserting (2) ¼ - 20 x 5/8” button head screws
from the bottom side of the Second Deck.
Place the Second Deck onto the 5” standoffs as shown in Figure 10, and fasten with (4) ¼ -20 Flat head
Black Screws.
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com