Electronic Components Datasheet Search
  English  ▼

X  

28995 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 28995
Description  Eddie Robot Platform
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28995 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  28995 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 3 of 16
Part #
Quantity
Description
806-00001
1” x 10”
Snap Velcro
700-00028
4
Screw, Pan Head, Zinc, Phillips, 4-40 x 1/4”
700-00083
4
4-40 x ½”, F/F Hex Standoff
710-00024
4
Screw, Button Head SS, ¼”x20 x ½”
710-00032
6
Screw, Cap, SS, #6-32 x 3/8”
710-00034
4
Screw, Flat Head, Black ¼-20 x 5/8”
721-00012
1
Eddie Kinect Platform
710-00040
4
Screw, Pan Head, Black 4-40 x ½”
710-00100
2
Screw, Pan Head, Black 4-40 x 1/4”
710-00105
10
Screw, Button Head, ¼-20 x 5/8”
710-00106
2
Screw, Button Head, Blk, ¼-20 x ¾”
712-00008
2
Washer, ½” dia, .060 Delrin
713-00001
6
Standoff, 4-40 x 5/8” F/F Round
713-00022
4
Standoff, 4-40 x 1.5” F/F Hex
725-00021
1
Ball-End Hex Key 7/64”
Step 3: Ping))) and IR Sensor Module assembly
Figure 3a shows the components for each sensor assembly. You will need a small Phillips screwdriver to
assemble each sensor module.
Figure 3a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com