Electronic Components Datasheet Search
  English  ▼

X  

28995 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 28995
Description  Eddie Robot Platform
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28995 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 28995 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 9Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 10Page - List of Unclassifed Manufacturers 28995 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 7 of 16
Use the 7/64” ball-end, Allen wrench to screw in the (3) 3/8” long socket-head cap screws to attach each
of the Caster Wheel assemblies to the Base, as shown in Figure 5b. Make them snug, but do not over
tighten.
Before you mount the drive wheels to the Base, verify that the ID jumpers (A and B) on the Position
Controller for the left motor are set to “1” (both jumpers installed) and that the ID jumpers on the right
Position Controller are set to “2” (A installed, B removed). (See Motor Mount and Wheel Kit for additional
information).
Figure 5b
Flip the Base over (as shown in Figure 5c), and attach each pre-assembled drive motor unit to the Base
using (2) ¼ x 20 button head screws for each motor, as shown. Tighten using a 5/32” Allen wrench.
Connect the long, three-pin servo extension cable to the left Position Controller on the header marked
“To Controller”. Connect the other end of the cable to the same header on the right Position Controller.
It is recommended that the cable is routed across the top side of the robot platform. This configuration
allows both Position Controllers to be connected to the Control Board on the same bus.
Figure 5c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com