Electronic Components Datasheet Search
  English  ▼

X  

AT89LS53 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LS53
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LS53 Datasheet HTML 1Page - ATMEL Corporation AT89LS53 Datasheet HTML 2Page - ATMEL Corporation AT89LS53 Datasheet HTML 3Page - ATMEL Corporation AT89LS53 Datasheet HTML 4Page - ATMEL Corporation AT89LS53 Datasheet HTML 5Page - ATMEL Corporation AT89LS53 Datasheet HTML 6Page - ATMEL Corporation AT89LS53 Datasheet HTML 7Page - ATMEL Corporation AT89LS53 Datasheet HTML 8Page - ATMEL Corporation AT89LS53 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
AT89LS53
4-249
Features
• Compatible with MCS-51™ Products
• 12K Bytes of In-System Reprogrammable Downloadable Flash Memory
- SPI Serial Interface for Program Downloading
- Endurance: 1,000 Write/Erase Cycles
• 2.7V to 6V Operating Range
• Fully Static Operation: 0 Hz to 12 MHz
• Three-Level Program Memory Lock
• 256 x 8 bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-bit Timer/Counters
• Nine Interrupt Sources
• Programmable UART Serial Channel
• SPI Serial Interface
• Low Power Idle and Power Down Modes
• Interrupt Recovery From Power Down
• Programmable Watchdog Timer
• Dual Data Pointer
• Power Off Flag
Description
The AT89LS53 is a low-power, wide-voltage range, high-performance CMOS 8-bit
microcomputer with 12K bytes of downloadable Flash programmable and erasable
read only memory. The device is manufactured using Atmel’s high density nonvolatile
memory technology and is compatible with the industry standard 80C51 instruction
set and pinout. The on-chip downloadable Flash allows the program memory to be
reprogrammed in-system through an SPI serial interface or by a conventional nonvol-
atile memory programmer. By combining a versatile 8-bit CPU with downloadable
Flash on a monolithic chip, the Atmel AT89LS53 is a powerful microcomputer which
provides a highly flexible and cost effective solution to many embedded control appli-
cations.
The AT89LS53 provides the following standard features: 12K bytes of downloadable
Flash, 256 bytes of RAM, 32 I/O lines, programmable watchdog timer, two Data Point-
ers, three 16-bit timer/counters, a six-vector two-level interrupt architecture, a full
duplex serial port, on-chip oscillator, and clock circuitry. In addition, the AT89LS53 is
designed with static logic for operation down to zero frequency and supports two soft-
ware selectable power saving modes. The Idle Mode stops the CPU while allowing
the RAM, timer/counters, serial port, and interrupt system to continue functioning. The
Power Down Mode saves the RAM contents but freezes the oscillator, disabling all
other chip functions until the next interrupt or hardware reset.
The downloadable Flash can be changed a single byte at a time and is accessible
through the SPI serial interface. Holding RESET active forces the SPI bus into a serial
programming interface and allows the program memory to be written to or read from
unless Lock Bit 2 has been activated.
0851B-B–12/97
8-Bit
Microcontroller
with 12K Bytes
Flash
AT89LS53


Similar Part No. - AT89LS53

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS53 ATMEL-AT89LS53 Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89LS53-12AC ATMEL-AT89LS53-12AC Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89LS53-12AI ATMEL-AT89LS53-12AI Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89LS53-12JC ATMEL-AT89LS53-12JC Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89LS53-12JI ATMEL-AT89LS53-12JI Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
More results

Similar Description - AT89LS53

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
8-bit Microcontroller with 12K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
8-bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
8-bit Microcontroller with 12K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com