Electronic Components Datasheet Search
  English  ▼

X  

AT89LS53 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89LS53
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89LS53 Datasheet HTML 22Page - ATMEL Corporation AT89LS53 Datasheet HTML 23Page - ATMEL Corporation AT89LS53 Datasheet HTML 24Page - ATMEL Corporation AT89LS53 Datasheet HTML 25Page - ATMEL Corporation AT89LS53 Datasheet HTML 26Page - ATMEL Corporation AT89LS53 Datasheet HTML 27Page - ATMEL Corporation AT89LS53 Datasheet HTML 28Page - ATMEL Corporation AT89LS53 Datasheet HTML 29Page - ATMEL Corporation AT89LS53 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
AT89LS53
4-274
AC Characteristics
Under operating conditions, load capacitance for Port 0, ALE/PROG, and PSEN = 100 pF; load capacitance for all other
outputs = 80 pF.
External Program and Data Memory Characteristics
Symbol
Parameter
12MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
12
MHz
tLHLL
ALE Pulse Width
127
2tCLCL - 40
ns
tAVLL
Address Valid to ALE Low
43
tCLCL - 40
ns
tLLAX
Address Hold After ALE Low
48
tCLCL - 35
ns
tLLIV
ALE Low to Valid Instruction In
233
4tCLCL - 100
ns
tLLPL
ALE Low to PSEN Low
43
tCLCL - 40
ns
tPLPH
PSEN Pulse Width
205
3tCLCL - 45
ns
tPLIV
PSEN Low to Valid Instruction In
145
3tCLCL - 105
ns
tPXIX
Input Instruction Hold After PSEN
00
ns
tPXIZ
Input Instruction Float After PSEN
59
tCLCL - 25
ns
tPXAV
PSEN to Address Valid
75
tCLCL - 8
ns
tAVIV
Address to Valid Instruction In
312
5tCLCL - 105
ns
tPLAZ
PSEN Low to Address Float
10
10
ns
tRLRH
RD Pulse Width
400
6tCLCL - 100
ns
tWLWH
WR Pulse Width
400
6tCLCL - 100
ns
tRLDV
RD Low to Valid Data In
252
5tCLCL - 165
ns
tRHDX
Data Hold After RD
00
ns
tRHDZ
Data Float After RD
97
2tCLCL - 70
ns
tLLDV
ALE Low to Valid Data In
517
8tCLCL - 150
ns
tAVDV
Address to Valid Data In
585
9tCLCL - 165
ns
tLLWL
ALE Low to RD or WR Low
200
300
3tCLCL - 50
3tCLCL + 50
ns
tAVWL
Address to RD or WR Low
203
4tCLCL - 130
ns
tQVWX
Data Valid to WR Transition
23
tCLCL - 60
ns
tQVWH
Data Valid to WR High
433
7tCLCL - 150
ns
tWHQX
Data Hold After WR
33
tCLCL - 50
ns
tRLAZ
RD Low to Address Float
0
0
ns
tWHLH
RD or WR High to ALE High
43
123
tCLCL - 40
tCLCL + 40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com