Electronic Components Datasheet Search
  English  ▼

X  

AT89LS8252 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89LS8252
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS8252 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89LS8252 Datasheet HTML 10Page - ATMEL Corporation AT89LS8252 Datasheet HTML 11Page - ATMEL Corporation AT89LS8252 Datasheet HTML 12Page - ATMEL Corporation AT89LS8252 Datasheet HTML 13Page - ATMEL Corporation AT89LS8252 Datasheet HTML 14Page - ATMEL Corporation AT89LS8252 Datasheet HTML 15Page - ATMEL Corporation AT89LS8252 Datasheet HTML 16Page - ATMEL Corporation AT89LS8252 Datasheet HTML 17Page - ATMEL Corporation AT89LS8252 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
AT89LS8252
4-150
Programmable Clock Out
A 50% duty cycle clock can be programmed to come out on
P1.0, as shown in Figure 5. This pin, besides being a regu-
lar I/0 pin, has two alternate functions. It can be pro-
grammed to input the external clock for Timer/Counter 2 or
to output a 50% duty cycle clock ranging from 61 Hz to 3
MHz at a 12 MHz operating frequency.
To configure the Timer/Counter 2 as a clock generator, bit
C/T2 (T2CON.1) must be cleared and bit T2OE (T2MOD.1)
must be set. Bit TR2 (T2CON.2) starts and stops the timer.
The clock-out frequency depends on the oscillator fre-
quency and the reload value of Timer 2 capture registers
(RCAP2H, RCAP2L), as shown in the following equation.
In the clock-out mode, Timer 2 rollovers will not generate
an interrupt. This behavior is similar to when Timer 2 is
used as a baud-rate generator. It is possible to use Timer 2
as a baud-rate generator and a clock generator simulta-
neously. Note, however, that the baud-rate and clock-out
frequencies cannot be determined independently from one
another since they both use RCAP2H and RCAP2L.
UART
The UART in the AT89LS8252 operates the same way as
the UART in the AT89C51, AT89C52 and AT89C55. For
further information, see the October 1995 Atmel Microcon-
troller Data Book, page 2-49, section titled, “Serial Inter-
face.”
Serial Peripheral Interface
The serial peripheral interface (SPI) allows high-speed syn-
chronous data transfer between the AT89LS8252 and
peripheral devices or between several AT89LS8252
devices. The AT89LS8252 SPI features include the follow-
ing:
• Full-Duplex, 3-Wire Synchronous Data Transfer
• Master or Slave Operation
• 1.5-MHz Bit Frequency (max.)
• LSB First or MSB First Data Transfer
• Four Programmable Bit Rates
• End of Transmission Interrupt Flag
• Write Collision Flag Protection
• Wakeup from Idle Mode (Slave Mode Only)
Clock-Out Frequency
Oscillator Frequency
4
65536
RCAP2H,RCAP2L
()
–
[]
×
-------------------------------------------------------------------------------------------
=
Figure 6. SPI Block Diagram
OSCILLATOR
8/16-BIT SHIFT REGISTER
READ DATA BUFFER
SPI CONTROL
SPI STATUS REGISTER
SPI INTERRUPT
REQUEST
INTERNAL
DATA BUS
SELECT
SPI CLOCK (MASTER)
DIVIDER
÷4÷16÷64÷128
SPI CONTROL REGISTER
8
8
8
MSTR
CLOCK
LOGIC
CLOCK
MSB
S
M
LSB
S
M
M
S
MISO
P1.6
MOSI
P1.5
SCK
1.7
SS
P1.4
SPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com