Electronic Components Datasheet Search
  English  ▼

X  

AT89LS8252 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89LS8252
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS8252 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89LS8252 Datasheet HTML 14Page - ATMEL Corporation AT89LS8252 Datasheet HTML 15Page - ATMEL Corporation AT89LS8252 Datasheet HTML 16Page - ATMEL Corporation AT89LS8252 Datasheet HTML 17Page - ATMEL Corporation AT89LS8252 Datasheet HTML 18Page - ATMEL Corporation AT89LS8252 Datasheet HTML 19Page - ATMEL Corporation AT89LS8252 Datasheet HTML 20Page - ATMEL Corporation AT89LS8252 Datasheet HTML 21Page - ATMEL Corporation AT89LS8252 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AT89LS8252
4-154
Program Memory Lock Bits
The AT89LS8252 has three lock bits that can be left unpro-
grammed (U) or can be programmed (P) to obtain the addi-
tional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin
is sampled and latched during reset. If the device is pow-
ered up without a reset, the latch initializes to a random
value and holds that value until reset is activated. The
latched value of EA must agree with the current logic level
at that pin in order for the device to function properly.
Once programmed, the lock bits can only be unpro-
grammed with the Chip Erase operations in either the par-
allel or serial modes.
Lock Bit Protection Modes (1) (2)
Notes:
1. U = Unprogrammed
2. P = Programmed
Program Lock Bits
Protection Type
LB1
LB2
LB3
1
U
U
U
No internal memory lock feature.
2P
U
U
MOVC instructions executed from external program memory are disabled from fetching
code bytes from internal memory. EA is sampled and latched on reset and further
programming of the Flash memory (parallel or serial mode) is disabled.
3
P
P
U
Same as Mode 2, but parallel or serial verify are also disabled.
4
P
P
P
Same as Mode 3, but external execution is also disabled.
Programming the Flash and EEPROM
Atmel’s AT89LS8252 Flash Microcontroller offers 8K bytes
of in-system reprogrammable Flash Code memory and 2K
bytes of EEPROM Data memory.
The AT89LS8252 is normally shipped with the on-chip
Flash Code and EEPROM Data memory arrays in the
erased state (i.e. contents = FFH) and ready to be pro-
grammed. This device supports a High-Voltage (12V) Par-
allel programming mode and a Low-Voltage (2.7V to 6V)
Serial programming mode. The serial programming mode
provides a convenient way to download the AT89LS8252
inside the user’s system. The parallel programming mode
is compatible with conventional third party Flash or EPROM
programmers.
The Code and Data memory arrays are mapped via sepa-
rate address spaces in the serial programming mode. In
the parallel programming mode, the two arrays occupy one
contiguous address space: 0000H to 1FFFH for the Code
array and 2000H to 27FFH for the Data array.
The Code and Data memory arrays on the AT89LS8252
are programmed byte-by-byte in either programming mode.
An auto-erase cycle is provided with the self-timed pro-
gramming operation in the serial programming mode.
There is no need to perform the Chip Erase operation to
reprogram any memory location in the serial programming
mode unless any of the lock bits have been programmed.
In the parallel programming mode, there is no auto-erase
cycle. To reprogram any non-blank byte, the user needs to
use the Chip Erase operation first to erase both arrays.
Parallel Programming Algorithm
To program and verify the AT89LS8252 in the parallel pro-
gramming mode, the following sequence is recommended:
1.
Power-up sequence:
Apply power between VCC and GND pins.
Set RST pin to “H”.
Apply a 3 MHz to 12 MHz clock to XTAL1 pin and wait
for at least 10 milliseconds.
2.
Set PSEN pin to “L”
ALE pin to “H”
EA pin to “H” and all other pins to “H”.
3.
Apply the appropriate combination of “H” or “L” logic
levels to pins P2.6, P2.7, P3.6, P3.7 to select one of
the programming operations shown in the Flash
Programming Modes table.
4.
Apply the desired byte address to pins P1.0 to P1.7
and P2.0 to P2.5.
Apply data to pins P0.0 to P0.7 for Write Code opera-
tion.
5.
Raise EA/VPP to 12V to enable Flash programming,
erase or verification.
6.
Pulse ALE/PROG once to program a byte in the
Code memory array, the Data memory array or the
lock bits. The byte-write cycle is self-timed and typi-
cally takes 1.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com