Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 1K Byte Flash
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 4Page - ATMEL Corporation AT89 Datasheet HTML 5Page - ATMEL Corporation AT89 Datasheet HTML 6Page - ATMEL Corporation AT89 Datasheet HTML 7Page - ATMEL Corporation AT89 Datasheet HTML 8Page - ATMEL Corporation AT89 Datasheet HTML 9Page - ATMEL Corporation AT89 Datasheet HTML 10Page - ATMEL Corporation AT89 Datasheet HTML 11Page - ATMEL Corporation AT89 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AT89C1051
4-11
Absolute Maximum Ratings
DC Characteristics
TA = -40°C to 85°C, VCC = 2.7V to 6.0V (unless otherwise noted)
Notes:
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin: 20 mA
Maximum total IOL for all output pins: 80 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Minimum VCC for Power Down is 2V.
Operating Temperature ........................-55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ...........................-65°C to +150°C
Voltage on Any Pin
with Respect to Ground........................... -1.0V to +7.0V
Maximum Operating Voltage................................... 6.6V
DC Output Current ............................................25.0 mA
Symbol
Parameter
Condition
Min
Max
Units
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage
(Except XTAL1, RST)
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage
(XTAL1, RST)
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage(1)
(Ports 1, 3)
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 2.7V
0.50
V
VOH
Output High Voltage
(Ports 1, 3)
IOH = -80 µA, VCC = 5V ± 10%
2.4
V
IOH = -30 µA0.75 VCC
V
IOH = -12 µA
0.9 VCC
V
IIL
Logical 0 Input Current
(Ports 1, 3)
VIN = 0.45V
-50
µA
ITL
Logical 1 to 0 Transition
Current (Ports 1, 3)
VIN = 2V, VCC = 5V ± 10%
-750
µA
ILI
Input Leakage Current
(Port P1.0, P1.1)
0 < VIN < VCC
±10
µA
VOS
Comparator Input Offset
Voltage
VCC = 5V
20
mV
VCM
Comparator Input Common
Mode Voltage
0VCC
V
RRST
Reset Pulldown Resistor
50
300
K
Ω
CIO
Pin Capacitance
Test Freq. = 1 MHz, TA = 25°C
10
pF
ICC
Power Supply Current
Active Mode, 12 MHz, VCC = 6V/3V
15/5.5
mA
Idle Mode, 12 MHz, VCC = 6V/3V P1.0 &
P1.1 = 0V or VCC
5/1
mA
Power Down Mode(2)
VCC = 6V P1.0 & P1.1 = 0V or VCC
100
µA
VCC = 3V P1.0 & P1.1 = 0V or VCC
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com