Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 1K Byte Flash
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89 Datasheet HTML 1Page - ATMEL Corporation AT89 Datasheet HTML 2Page - ATMEL Corporation AT89 Datasheet HTML 3Page - ATMEL Corporation AT89 Datasheet HTML 4Page - ATMEL Corporation AT89 Datasheet HTML 5Page - ATMEL Corporation AT89 Datasheet HTML 6Page - ATMEL Corporation AT89 Datasheet HTML 7Page - ATMEL Corporation AT89 Datasheet HTML 8Page - ATMEL Corporation AT89 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AT89C1051
4-6
Special Function Registers
A map of the on-chip memory area called the Special Func-
tion Register (SFR) space is shown in the table below.
Note that not all of the addresses are occupied, and unoc-
cupied addresses may not be implemented on the chip.
Read accesses to these addresses will in general return
random data, and write accesses will have an indetermi-
nate effect.
User software should not write 1s to these unlisted loca-
tions, since they may be used in future products to invoke
new features. In that case, the reset or inactive values of
the new bits will always be 0.
Restrictions on Certain Instructions
The AT89C1051 is an economical and cost-effective mem-
ber of Atmel’s growing family of microcontrollers. It con-
tains 1K byte of flash program memory. It is fully compati-
ble with the MCS-51 architecture, and can be programmed
using the MCS-51 instruction set. However, there are a
few considerations one must keep in mind when utilizing
certain instructions to program this device.
All the instructions related to jumping or branching should
be restricted such that the destination address falls within
the physical program memory space of the device, which is
1K for the AT89C1051. This should be the responsibility of
the software programmer. For example, LJMP 3FEH
would be a valid instruction for the AT89C1051 (with 1K of
memory), whereas LJMP 410H would not.
Table 1. AT89C1051 SFR Map and Reset Values
0F8H
0FFH
0F0H
B
00000000
0F7H
0E8H
0EFH
0E0H
ACC
00000000
0E7H
0D8H
0DFH
0D0H
PSW
00000000
0D7H
0C8H
0CFH
0C0H
0C7H
0B8H
IP
XXX00000
0BFH
0B0H
P3
11111111
0B7H
0A8H
IE
0XX00000
0AFH
0A0H
0A7H
98H
9FH
90H
P1
11111111
97H
88H
TCON
00000000
TMOD
00000000
TL0
00000000
TH0
00000000
8FH
80H
SP
00000111
DPL
00000000
DPH
00000000
PCON
0XXX0000
87H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com