Electronic Components Datasheet Search
  English  ▼

X  

AD569 Datasheet(PDF) 8 Page - Analog Devices

Part # AD569
Description  16-Bit Monotonic Voltage Output D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD569 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD569 Datasheet HTML 4Page - Analog Devices AD569 Datasheet HTML 5Page - Analog Devices AD569 Datasheet HTML 6Page - Analog Devices AD569 Datasheet HTML 7Page - Analog Devices AD569 Datasheet HTML 8Page - Analog Devices AD569 Datasheet HTML 9Page - Analog Devices AD569 Datasheet HTML 10Page - Analog Devices AD569 Datasheet HTML 11Page - Analog Devices AD569 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD569
REV. A
–8–
Figure 9. MSB Resistor Divider
Figure 10. Reference Buffer Amplifier Connections
Figure 11. Ultralow Drift
±5 V Tracking Reference
Figure 12. Low-Cost
±5 V Reference
+5 V reference. A dual op amp, the AD712, buffers the refer-
ence input terminals preserving the absolute accuracy of the
AD569. The optional noise-reduction capacitor and gain
adjust trimmer allow further elimination of errors. The low-
cost AD584 offers 2.5 V, 5 V, 7.5 V, and 10 V options and
can be connected for
±5 V tracking outputs as shown in Figure
13. Again, an AD712 is used to buffer the reference input
terminals.
Figures 11, 12, and 13 show reference configurations for various
output ranges. As shown in Figure 11, the pin-programmable
AD588 can be connected to provides tracking
±5 V outputs
with 1-3ppm/
°C temperature stability. Buffer amplifiers are in-
cluded for direct connection to the AD569. The optional gain
and balance adjust trimmers allow bipolar offset and full-scale
errors to be nulled. In Figure 12, the low-cost AD586 provides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com