Electronic Components Datasheet Search
  English  ▼

X  

AD569 Datasheet(PDF) 9 Page - Analog Devices

Part # AD569
Description  16-Bit Monotonic Voltage Output D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD569 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD569 Datasheet HTML 4Page - Analog Devices AD569 Datasheet HTML 5Page - Analog Devices AD569 Datasheet HTML 6Page - Analog Devices AD569 Datasheet HTML 7Page - Analog Devices AD569 Datasheet HTML 8Page - Analog Devices AD569 Datasheet HTML 9Page - Analog Devices AD569 Datasheet HTML 10Page - Analog Devices AD569 Datasheet HTML 11Page - Analog Devices AD569 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD569
REV. A
–9–
Figure 13. Low-Cost
±5 V Tracking Reference
a. Bandwidth
b. Phase Shift
Figure 14. Full Power Multiplying Performance
a. Time Domain
b. Frequency Domain
Figure 15. Multiplying Mode Performance (Input Code
0001H)
MULTIPLYING PERFORMANCE
Figure 14 illustrates the gain and phase characteristics of the
AD569 when operated in the multiplying mode. Full-power
bandwidth is shown in Figure 14a and the corresponding phase
shift is shown in Figure 14b. Performance is plotted for both a
full-scale input of FFFFH and an input of 8080H. An input rep-
resents worst-case conditions because it places the buffer taps at
the midpoints of both dividers. Figure 15 illustrates the
AD569’s ability to resolve 16-bits (where 1 LSB is 96 dB below
full scale) while keeping the noise floor below –130 dB with an
ac reference of 1 V rms at 200 Hz.
Multiplying feedthrough is due to capacitive coupling between
the reference inputs and the output. As shown in Figure 16,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com