Electronic Components Datasheet Search
  English  ▼

X  

RP25 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # RP25
Description  High Precision Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

RP25 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  RP25 Datasheet HTML 1Page - UNIOHM CORPORATION RP25 Datasheet HTML 2Page - UNIOHM CORPORATION RP25 Datasheet HTML 3Page - UNIOHM CORPORATION RP25 Datasheet HTML 4Page - UNIOHM CORPORATION RP25 Datasheet HTML 5Page - UNIOHM CORPORATION RP25 Datasheet HTML 6Page - UNIOHM CORPORATION RP25 Datasheet HTML 7Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
W
1. Scope
This specification applies to all sizes of rectangular-type fixed chip resistors with Ni/Cr as material.
2. Features
l
Tolerance from 0.01% 1%
l
Thin film & Ni/Cr Resistor
l
TCR from 5ppm
50ppm for thin film chip R
3. Applications
l
Medical Equipment
l
Measure Instrument
l
Communication Device
l
Converters
l
Printer equipment
l
Consumer
5. Dimensions
L
D2
D2
D1
D1
T
4. Construction
Marking
Sn Plating
Ni Plating
Thin Film Ni/Cr Conductor
Alumina Ceramic Substrate
Overcoat
Ni/Cr Resistive Element
Unit:mm
SIZE
STYLE
L
W
T
D1
D2
2512
RP25
6.3±0.15 3.1±0.15 0.6±0.10 0.6±0.30 0.5±0.25
2010
RP20
4.9±0.15 2.4±0.15 0.6±0.10 0.6±0.30 0.5±0.25
1206
RP12
3.0±0.10 1.5±0.10 0.55±0.10 0.45.±0.20 0.40±0.20
0805
RP08
2.0±0.15 1.25±0.15 0.5±0.10 0.3±0.20 0.4±0.20
0603
RP06
1.6±0.10 0.8±0.10 0.45±0.10 0.3±0.20 0.3±0.20
0402
RP04
1.0±0.05 0.5±0.05 0.30±0.05 0.20±0.10 0.2±0.10
High Precision Chip Resistors
H
Hiigghh PPrreecciissiioonn C
Chhiipp R
Reessiissttoorrss
1
Uniohm Corporation
+-
+-
+-


Similar Part No. - RP25

ManufacturerPart #DatasheetDescription
logo
3M Electronics
RP25 3M-RP25 Datasheet
796Kb / 9P
Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
Nov-2015
logo
List of Unclassifed Man...
RP250GB ETC-RP250GB Datasheet
1Mb / 12P
5-WAY® Binding Posts and SUPERCON® Electrical Connectors
RP250GBL ETC-RP250GBL Datasheet
1Mb / 12P
5-WAY® Binding Posts and SUPERCON® Electrical Connectors
RP250GGN ETC-RP250GGN Datasheet
1Mb / 12P
5-WAY® Binding Posts and SUPERCON® Electrical Connectors
RP250GR ETC-RP250GR Datasheet
1Mb / 12P
5-WAY® Binding Posts and SUPERCON® Electrical Connectors
More results

Similar Description - RP25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC02 ETC1-RC02 Datasheet
644Kb / 15P
Precision chip resistors
logo
Willow Technologies Ltd
CMF0603 WILLOW-CMF0603 Datasheet
333Kb / 2P
Precision Chip Resistors
logo
List of Unclassifed Man...
CHR2520FC ETC2-CHR2520FC Datasheet
99Kb / 1P
High Resistance Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
Precision High Value Chip Resistors
AEN-0103 RHOPOINT-AEN-0103 Datasheet
14Kb / 1P
High Resistance Precision Chip Resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
High precision chip resistors
CRP0603-LF BOURNS-CRP0603-LF Datasheet
259Kb / 2P
High precision chip resistors
CRP0603-BZ-7871ELF BOURNS-CRP0603-BZ-7871ELF Datasheet
217Kb / 3P
Precision Chip Resistors
logo
List of Unclassifed Man...
AR01 ETC-AR01 Datasheet
1Mb / 2P
HIGH PRECISION CHIP RESISTORS
logo
RHOPOINT COMPONENTS
CHR2520FC RHOPOINT-CHR2520FC Datasheet
381Kb / 1P
HIGH Resistance Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com