Electronic Components Datasheet Search
  English  ▼

X  

RP25 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # RP25
Description  High Precision Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

RP25 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  RP25 Datasheet HTML 1Page - UNIOHM CORPORATION RP25 Datasheet HTML 2Page - UNIOHM CORPORATION RP25 Datasheet HTML 3Page - UNIOHM CORPORATION RP25 Datasheet HTML 4Page - UNIOHM CORPORATION RP25 Datasheet HTML 5Page - UNIOHM CORPORATION RP25 Datasheet HTML 6Page - UNIOHM CORPORATION RP25 Datasheet HTML 7Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
6. Product Identification
RP XX X
X
X
XXXX
RP ??
?
?
?
????
Resistance
TCR
Packaging
Resistance Tolerance
Dimensions
Product Type
High Precision Chip Resistor
7. Electrical Characteristics
Item
Type
Power Rating
Operating
Temp.
Range
Max
Operating
Voltage
Max
Overloading
Voltage
Resistance
Tolerance
Resistance
Range
TCR
PR25
1/2W
-55 ~ +155℃
150V
300V
±0.1%
±0.25%
±0.5%
4.7O~1MO
±25ppm
±50ppm
RP20
1/4W
-55 ~ +155℃
150V
300V
±0.1%
±0.25%
±0.5%
4.7O~1MO
±25ppm
±50ppm
RP12
1/8W
-55 ~ +155℃
150V
300V
±0.1%
±0.25%
±0.5%
4.7O~1MO
±25ppm
±50ppm
RP08
1/10W
-55 ~ +155℃
100V
200V
±0.1%
±0.25%
±0.5%
4.7O~1MO
±25ppm
±50ppm
RP06
1/16W
-55 ~ +155℃
50V
100V
±0.1%
±0.25%
±0.5%
10O~332KO
±25ppm
±50ppm
RP04
1/16W
-55 ~ +155℃
25V
50V
±0.1%
±0.25%
±0.5%
10O~100KO
±25ppm
±50ppm
Operating Voltage V=v(P*R )
Operating Voltage V= 2.5* v(P*R )
TRC has the abilit y to manufacture following options based on customer’s requirement .
Tighter tolerance: 0.05%, 0.01%;
Resistance:1 10 ;
TCR :5ppm,10ppm,15ppm
Other size.
Type Taping Reel
Bulk
Code
T
B
Type ±1% ±0.5% ±0.25% ±0.1%
±0.01%
Code
F
D
C
B
T
Type
2512
2010
1206
0805
0603
0402
Codes
25
20
12
08
06
04
Type
±50ppm ±25ppm ±15ppm ±10ppm ±5ppm
Code
D
C
N
B
S
2
High Precision Chip Resistors
:
Uniohm Corporation
※
+-
+-
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com