Electronic Components Datasheet Search
  English  ▼

X  

AT90LS2323 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90LS2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90LS2323 Datasheet HTML 1Page - ATMEL Corporation AT90LS2323 Datasheet HTML 2Page - ATMEL Corporation AT90LS2323 Datasheet HTML 3Page - ATMEL Corporation AT90LS2323 Datasheet HTML 4Page - ATMEL Corporation AT90LS2323 Datasheet HTML 5Page - ATMEL Corporation AT90LS2323 Datasheet HTML 6Page - ATMEL Corporation AT90LS2323 Datasheet HTML 7Page - ATMEL Corporation AT90LS2323 Datasheet HTML 8Page - ATMEL Corporation AT90LS2323 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
1
Features
• Utilizes the AVR® RISC Architecture
• AVR – High-performance and Low-power RISC Architecture
– 118 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General-purpose Working Registers
– Up to 10 MIPS Throughput at 10 MHz
• Data and Nonvolatile Program Memory
– 2K Bytes of In-System Programmable Flash
Endurance: 1,000 Write/Erase Cycles
– 128 Bytes Internal RAM
– 128 Bytes of In-System Programmable EEPROM
Endurance: 100,000 Write/Erase Cycles
– Programming Lock for Flash Program and EEPROM Data Security
• Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler
– Programmable Watchdog Timer with On-chip Oscillator
– SPI Serial Interface for In-System Programming
• Special Microcontroller Features
– Low-power Idle and Power-down Modes
– External and Internal Interrupt Sources
– Power-on Reset Circuit
– Selectable On-chip RC Oscillator
• Specifications
– Low-power, High-speed CMOS Process Technology
– Fully Static Operation
• Power Consumption at 4 MHz, 3V, 25
°C
– Active: 2.4 mA
– Idle Mode: 0.5 mA
– Power-down Mode: <1 µA
• I/O and Packages
– Three Programmable I/O Lines for AT90S/LS2323
– Five Programmable I/O Lines for AT90S/LS2343
– 8-pin PDIP and SOIC
• Operating Voltages
– 4.0 - 6.0V for AT90S2323/AT90S2343
– 2.7 - 6.0V for AT90LS2323/AT90LS2343
• Speed Grades
– 0 - 10 MHz for AT90S2323/AT90S2343-10
– 0 - 4 MHz for AT90LS2323/AT90LS2343-4
– 0 - 1 MHz for AT90LS2343-1
Pin Configuration
PDIP/SOIC
1
2
3
4
8
7
6
5
RESET
XTAL1
XTAL2
GND
VCC
PB2 (SCK/T0)
PB1 (MISO/INT0)
PB0 (MOSI)
AT90S/LS2323
1
2
3
4
8
7
6
5
RESET
(CLOCK) PB3
PB4
GND
VCC
PB2 (SCK/T0)
PB1 (MISO/INT0)
PB0 (MOSI)
AT90S/LS2343
8-bit
Microcontroller
with 2K Bytes of
In-System
Programmable
Flash
AT90S2323
AT90LS2323
AT90S2343
AT90LS2343
Rev. 1004D–09/01


Similar Part No. - AT90LS2323

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90LS2323 ATMEL-AT90LS2323_14 Datasheet
1Mb / 64P
AVR ??High-performance and Low-power RISC Architecture
More results

Similar Description - AT90LS2323

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com