Electronic Components Datasheet Search
  English  ▼

X  

AT90LS2323 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90LS2323
Description  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90LS2323 Datasheet HTML 1Page - ATMEL Corporation AT90LS2323 Datasheet HTML 2Page - ATMEL Corporation AT90LS2323 Datasheet HTML 3Page - ATMEL Corporation AT90LS2323 Datasheet HTML 4Page - ATMEL Corporation AT90LS2323 Datasheet HTML 5Page - ATMEL Corporation AT90LS2323 Datasheet HTML 6Page - ATMEL Corporation AT90LS2323 Datasheet HTML 7Page - ATMEL Corporation AT90LS2323 Datasheet HTML 8Page - ATMEL Corporation AT90LS2323 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5
AT90S/LS2323/2343
1004D–09/01
Pin Descriptions
AT90S/LS2343
VCC
Supply voltage pin.
GND
Ground pin.
Port B (PB4..PB0)
Port B is a 5-bit bi-directional I/O port with internal pull-up resistors. The Port B output
buffers can sink 20 mA. As inputs, Port B pins that are externally pulled low, will source
current if the pull-up resistors are activated.
Port B also serves the functions of various special features.
Port pins can provide internal pull-up resistors (selected for each bit). The Port B pins
are tri-stated when a reset condition becomes active.
RESET
Reset input. An external reset is generated by a low level on the RESET pin. Reset
pulses longer than 50 ns will generate a reset, even if the clock is not running. Shorter
pulses are not guaranteed to generate a reset.
CLOCK
Clock signal input in external clock mode.
Clock Options
Crystal Oscillator
The AT90S/LS2323 contains an inverting amplifier that can be configured for use as an
On-chip oscillator, as shown in Figure 3. XTAL1 and XTAL2 are input and output
respectively. Either a quartz crystal or a ceramic resonator may be used. It is recom-
mended that the AT90S/LS2343 be used if an external clock source is used, since this
gives an extra I/O pin.
Figure 3. Oscillator Connection
External Clock
The AT90S/LS2343 can be clocked by an external clock signal, as shown in Figure 4, or
by the On-chip RC oscillator. This RC oscillator runs at a nominal frequency of 1 MHz
(V
CC = 5V). A fuse bit (RCEN) in the Flash memory selects the On-chip RC oscillator as
the clock source when programmed (“0”). The AT90S/LS2343 is shipped with this bit
programmed. The AT90S/LS2343 is recommended if an external clock source is used,
because this gives an extra I/O pin.
The AT90S/LS2323 can be clocked by an external clock as well, as shown in Figure 4.
No fuse bit selects the clock source for AT90S/LS2323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com