Electronic Components Datasheet Search
  English  ▼

X  

AD7713 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7713
Description  Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 5 Page - Analog Devices

  AD7713 Datasheet HTML 1Page - Analog Devices AD7713 Datasheet HTML 2Page - Analog Devices AD7713 Datasheet HTML 3Page - Analog Devices AD7713 Datasheet HTML 4Page - Analog Devices AD7713 Datasheet HTML 5Page - Analog Devices AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. D
AD7713
–5–
TIMING CHARACTERISTICS1, 2
(DVDD = 5 V
5%; AVDD = 5 V or 10 V
5%; AGND = DGND = 0 V; fCLKIN = 2 MHz;
Input Logic 0 = 0 V, Logic 1 = DVDD, unless otherwise noted.)
Limit at TMIN, TMAX
Parameter
(A, S Versions)
Unit
Conditions/Comments
fCLK IN
3, 4
400
kHz min
Master Clock Frequency: Crystal Oscillator or
2
MHz max
Externally Supplied for Specified Performance
tCLK IN LO
0.4
tCLK IN
ns min
Master Clock Input Low Time; tCLK IN = 1/fCLK IN
tCLK IN HI
0.4
tCLK IN
ns min
Master Clock Input High Time
tr
5
50
ns max
Digital Output Rise Time; Typically 20 ns
tf
5
50
ns max
Digital Output Fall Time; Typically 20 ns
t1
1000
ns min
SYNC Pulse Width
Self-Clocking Mode
t2
0
ns min
DRDY to RFS Setup Time
t3
0
ns min
DRDY to RFS Hold Time
t4
2
tCLK IN
ns min
A0 to
RFS Setup Time
t5
0
ns min
A0 to
RFS Hold Time
t6
4
tCLK IN + 20
ns max
RFS Low to SCLK Falling Edge
t7
6
4
tCLK IN +20
ns max
Data Access Time (
RFS Low to Data Valid)
t8
6
tCLK IN/2
ns min
SCLK Falling Edge to Data Valid Delay
tCLK IN/2 + 30
ns max
t9
tCLK IN/2
ns nom
SCLK High Pulse Width
t10
3
tCLK IN/2
ns nom
SCLK Low Pulse Width
t14
50
ns min
A0 to
TFS Setup Time
t15
0
ns min
A0 to
TFS Hold Time
t16
4
tCLK IN + 20
ns max
TFS to SCLK Falling Edge Delay Time
t17
4
tCLK IN
ns min
TFS to SCLK Falling Edge Hold Time
t18
0
ns min
Data Valid to SCLK Setup Time
t19
10
ns min
Data Valid to SCLK Hold Time
External-Clocking Mode
fSCLK
fCLK IN/5
MHz max
Serial Clock Input Frequency
t20
0
ns min
DRDY to RFS Setup Time
t21
0
ns min
DRDY to RFS Hold Time
t22
2
tCLK IN
ns min
A0 to
RFS Setup Time
t23
0
ns min
A0 to
RFS Hold Time
t24
6
4
tCLK IN
ns max
Data Access Time (
RFS Low to Data Valid)
t25
6
10
ns min
SCLK Falling Edge to Data Valid Delay
2
tCLK IN + 20
ns max
t26
2
tCLK IN
ns min
SCLK High Pulse Width
t27
2
tCLK IN
ns min
SCLK Low Pulse Width
t28
tCLK IN + 10
ns max
SCLK Falling Edge to
DRDY High
t29
7
10
ns min
SCLK to Data Valid Hold Time
tCLK IN + 10
ns max
t30
10
ns min
RFS/TFS to SCLK Falling Edge Hold Time
t31
7
5
tCLK IN/2 + 50
ns max
RFS to Data Valid Hold Time
t32
0
ns min
A0 to
TFS Setup Time
t33
0
ns min
A0 to
TFS Hold Time
t34
4
tCLK IN
ns min
SCLK Falling Edge to
TFS Hold Time
t35
2
tCLK IN – SCLK High
ns min
Data Valid to SCLK Setup Time
t36
30
ns min
Data Valid to SCLK Hold Time
NOTES
1Guaranteed by design, not production tested. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 10 to 13.
3CLK IN duty cycle range is 45% to 55%. CLK IN must be supplied whenever the AD7713 is not in standby mode. If no clock is present in this case, the device can
draw higher current than specified and possibly become uncalibrated.
4The AD7713 is production tested with f
CLK IN at 2 MHz. It is guaranteed by characterization to operate at 400 kHz.
5Specified using 10% and 90% points on waveform of interest.
6These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.4 V.
7These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then
extrapolated back to remove effects of charging or discharging the 100 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and, as such, are independent of external bus loading capacitances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com