Electronic Components Datasheet Search
  English  ▼

X  

AD7713 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7713
Description  Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices AD7713 Datasheet HTML 25Page - Analog Devices AD7713 Datasheet HTML 26Page - Analog Devices AD7713 Datasheet HTML 27Page - Analog Devices AD7713 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
REV. D
–26–
AD7713
AD7712
FEATURES
Charge Balancing ADC
24 Bits No Missing Codes
0.0015% Nonlinearity
High Level and Low Level Analog Input Channels
Programmable Gain for Both Inputs
Gains from 1 to 128
Differential Input for Low Level Channel
Low-Pass Filter with Programmable Filter Cutoffs
Ability to Read/Write Calibration Coefficients
Bidirectional Microcontroller Serial Interface
Internal/External Reference Option
Single- or Dual-Supply Operation
Low Power (25 mW typ) with Power-Down Mode
(100
W typ)
APPLICATIONS
Process Control
Smart Transmitters
Portable Industrial Instruments
FUNCTIONAL BLOCK DIAGRAM
CHARGING BALANCING A/D
CONVERTER
AUTO-ZEROED
–
MODULATOR
DIGITAL
FILTER
CLOCK
GENERATION
AD7712
AGND DGND
MCLK
OUT
MCLK
IN
AIN1(+)
AIN1(–)
REF
IN(+)
AVDD DVDD
AVDD
4.5 A
A = 1 – 128
VSS
VBIAS
REF OUT
REF
IN(–)
SYNC
STANDBY
TP
AIN2
2.5V REFERENCE
PGA
SERIAL INTERFACE
CONTROL
REGISTER
OUTPUT
REGISTER
MODE SDATA
A0
DRDY
TFS
RFS
SCLK
VOLTAGE
ATTENUATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com