Electronic Components Datasheet Search
  English  ▼

X  

EPA3550B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # EPA3550B
Description  Single-Axis Z-Gyro Product Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EPA3550B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button EPA3550B Datasheet HTML 16Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 17Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 18Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 19Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 20Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 21Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 22Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 23Page - List of Unclassifed Manufacturers EPA3550B Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISZ-650 Single-Axis Z-Gyroscope
Product Specification
PS-ISZ-0650B-00-02
Release Date: 07/08/09
CONFIDENTIAL & PROPRIETARY
21 of 24
9.13
Reflow Specification
The approved solder reflow curve shown in the figure below conforms to IPC/JEDEC J-STD-020D.01
(Moisture/Reflow Sensitivity Classification for Non hermetic Solid State Surface Mount Devices) with a
maximum peak temperature (Tc = 260°C). This is specified for component-supplier reliability qualification
testing using lead-free solder for package thicknesses less than 1.6 mm. The reliability qualification pre-
conditioning used by InvenSense incorporates three of these conforming reflow cycles. All temperatures
refer to the topside of the QFN package, as measured on the package body surface. Customer solder-reflow
processes should use the solder manufacturer’s recommendations, making sure to never exceed the
constraints listed in the table and figure below, as these represent the maximum tolerable ratings for the
device. For optimum results, production solder reflow processes should use lower temperatures, reduced
exposure times to high temperatures, and lower ramp-up and ramp-down rates than those listed below.
Approved IR/Convection Solder Reflow Curve
Temperature Set Points for IR / Convection Reflow Corresponding to Figure Above
Step Setting
CONSTRAINTS
Temp (°C)
Time (sec)
Rate (°C/sec)
A
Troom
25
B
TSmin
150
C
TSmax
200
60 < tBC < 120
D
TLiquidus
217
r(TL-TPmax) < 3
E
TPmin
[≤TPmax-5˚C,255°C]
255
r(TL-TPmax) < 3
F
TPmax [260°C]
260 -0/+5°C tAF < 480
r(TL-TPmax) < 3
G
TPmin
255
tEG < 30
r(TPmax-TL) < 6
H
TLiquidus
217
60 < tDH < 120
I
Troom
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com